Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADID-R-0005 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ADID-R-0005
Description  Multi-layer Chip Diplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ADID-R-0005 Datasheet(HTML) 1 Page - Abracon Corporation

  ADID-R-0005 Datasheet HTML 1Page - Abracon Corporation ADID-R-0005 Datasheet HTML 2Page - Abracon Corporation ADID-R-0005 Datasheet HTML 3Page - Abracon Corporation ADID-R-0005 Datasheet HTML 4Page - Abracon Corporation ADID-R-0005 Datasheet HTML 5Page - Abracon Corporation ADID-R-0005 Datasheet HTML 6Page - Abracon Corporation ADID-R-0005 Datasheet HTML 7Page - Abracon Corporation ADID-R-0005 Datasheet HTML 8Page - Abracon Corporation ADID-R-0005 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Multi-layer Chip Diplexer
ADID-R-0005
1.0 x 0.5 x 0.38 mm
RoHS Compliant
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 02-19-24
For terms and conditions of sales, please visit:
www.abracon.com
Request Samples
Check Inventory
Product Image
 LTCC diplexer supporting 2400~2500 / 4900~5950 MHz
 Small Form Factor 1.0 x 0.5 x 0.38 mm
 Low Insertion Loss 0.6 dB
 RoHS Compliant
 Wi-Fi Speakers and Sound Bars
 Video Streaming and Network Cameras
 VR Head Mount Displays
 Car Infotainment Systems
 Broadband Gateways
 Aircraft equipment
 Transportation equipment (automobiles, trains,
ships etc.)
 Data-processing equipment
Applications
Features


Similar Part No. - ADID-R-0005

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ADID-R-0004 ABRACON-ADID-R-0004 Datasheet
1Mb / 11P
Multi-layer Chip Diplexer
02-19-24
More results

Similar Description - ADID-R-0005

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
Chip Beads - Multi-layer
CTDIP2012F CT-CTDIP2012F Datasheet
517Kb / 2P
Multi-layer Diplexer
CTMCA9520 CT-CTMCA9520 Datasheet
310Kb / 3P
Multi-layer Chip Antennas
logo
Fair-Rite Products Corp...
2504026017Y0 FAIR-RITE-2504026017Y0 Datasheet
293Kb / 3P
MULTI-LAYER CHIP BEAD
2506030707H0 FAIR-RITE-2506030707H0 Datasheet
277Kb / 3P
MULTI-LAYER CHIP BEAD
2508051017Y0 FAIR-RITE-2508051017Y0 Datasheet
290Kb / 3P
MULTI-LAYER CHIP BEAD
2508059007Y0 FAIR-RITE-2508059007Y0 Datasheet
294Kb / 3P
MULTI-LAYER CHIP BEAD
2512061527Y0 FAIR-RITE-2512061527Y0 Datasheet
301Kb / 3P
MULTI-LAYER CHIP BEAD
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1608060LW8Q1C WALSIN-RFDIP1608060LW8Q1C Datasheet
455Kb / 3P
LTCC Multi Layer Ceramic Diplexer- 1608 (0603) size
RFDIP1608070G4T WALSIN-RFDIP1608070G4T Datasheet
219Kb / 3P
LTCC Multi Layer Ceramic Diplexer- 1608 (0603) size
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com