Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADID-R-0005 Datasheet(PDF) 10 Page - Abracon Corporation

Part # ADID-R-0005
Description  Multi-layer Chip Diplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ADID-R-0005 Datasheet(HTML) 10 Page - Abracon Corporation

Back Button ADID-R-0005 Datasheet HTML 3Page - Abracon Corporation ADID-R-0005 Datasheet HTML 4Page - Abracon Corporation ADID-R-0005 Datasheet HTML 5Page - Abracon Corporation ADID-R-0005 Datasheet HTML 6Page - Abracon Corporation ADID-R-0005 Datasheet HTML 7Page - Abracon Corporation ADID-R-0005 Datasheet HTML 8Page - Abracon Corporation ADID-R-0005 Datasheet HTML 9Page - Abracon Corporation ADID-R-0005 Datasheet HTML 10Page - Abracon Corporation ADID-R-0005 Datasheet HTML 11Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Multi-layer Chip Diplexer
ADID-R-0005
1.0 x 0.5 x 0.38 mm
RoHS Compliant
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 02-19-24
For terms and conditions of sales, please visit:
www.abracon.com
Request Samples
Check Inventory
Taping Dimensions (Unit: mm)
Chip Thickness
A
B
P
T max
0.38±0.05
0.62±0.03
1.12±0.03
2.0±0.05
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com