Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADID-R-0015 Datasheet(PDF) 10 Page - Abracon Corporation

Part # ADID-R-0015
Description  Dual-Band Wi-Fi LTCC RF Diplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ADID-R-0015 Datasheet(HTML) 10 Page - Abracon Corporation

Back Button ADID-R-0015 Datasheet HTML 2Page - Abracon Corporation ADID-R-0015 Datasheet HTML 3Page - Abracon Corporation ADID-R-0015 Datasheet HTML 4Page - Abracon Corporation ADID-R-0015 Datasheet HTML 5Page - Abracon Corporation ADID-R-0015 Datasheet HTML 6Page - Abracon Corporation ADID-R-0015 Datasheet HTML 7Page - Abracon Corporation ADID-R-0015 Datasheet HTML 8Page - Abracon Corporation ADID-R-0015 Datasheet HTML 9Page - Abracon Corporation ADID-R-0015 Datasheet HTML 10Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 11-26-24
For terms and conditions of sales, please visit:
www.abracon.com
Dual-Band Wi-Fi LTCC RF Diplexer
ADID-R-0015
1.6 x 0.8 x 0.6 mm
RoHS Compliant
Request Samples
Check Inventory
Tape & Reel
1. Tape & Reel Dimension 1608(0603)
Carrier Tape Specifications (mm)
Do
E1
P0
P2
T
F
P1
W
A0
B0
Reel Qty
1.5±0.1
1.75±0.10
4.00±0.10
2.00±0.05
0.75±0.10
3.50±0.05
4.00±0.10
8.00±0.30
1.0±0.10
1.8±0.10
4,000
Reel Specifications (mm)
A
N
B
C
Φ
±2.0
Φ58.0±2.0
Φ2.45±0.20
Φ 3.5±0.20
Packaging
ATTENTION: Abracon LLC’s products are Commercial-Off-The-Shelf (‘COTS’), which are designed, intended, and validated for use in commercial, industrial, and automotive applications.
The customer is responsible for testing and verifying the performance of an Abracon solution to meet their system-level requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com