Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADID-R-0015 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ADID-R-0015
Description  Dual-Band Wi-Fi LTCC RF Diplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ADID-R-0015 Datasheet(HTML) 1 Page - Abracon Corporation

  ADID-R-0015 Datasheet HTML 1Page - Abracon Corporation ADID-R-0015 Datasheet HTML 2Page - Abracon Corporation ADID-R-0015 Datasheet HTML 3Page - Abracon Corporation ADID-R-0015 Datasheet HTML 4Page - Abracon Corporation ADID-R-0015 Datasheet HTML 5Page - Abracon Corporation ADID-R-0015 Datasheet HTML 6Page - Abracon Corporation ADID-R-0015 Datasheet HTML 7Page - Abracon Corporation ADID-R-0015 Datasheet HTML 8Page - Abracon Corporation ADID-R-0015 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 11-26-24
For terms and conditions of sales, please visit:
www.abracon.com
Dual-Band Wi-Fi LTCC RF Diplexer
ADID-R-0015
1.6 x 0.8 x 0.6 mm
RoHS Compliant
Request Samples
Check Inventory
Product Image
• Supporting 2400~2500 / 4900~5950 MHz Simultaneously
• Small Form Factor 1.6 x 0.8 x 0.6 mm
• Low Insertion Loss 0.4 dB
• High Isolation Between Bands
• Temperature Stability Across Wide Temperature Bands
• High-Power Handling up to 3W
• RoHS Compliant
• Wi-Fi Modules
• AR/VR Headsets
• Wi-Fi Access Point and Mesh Wi-Fi Systems
• Smart Plugs, Lights, and Doorbells
• Smart TVs and Streaming Devices
• Laptops and PCs
Applications
Features


Similar Part No. - ADID-R-0015

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ADID-R-0012 ABRACON-ADID-R-0012 Datasheet
813Kb / 10P
Wi-Fi 6/6E/7 LTCC RF Diplexer
11-26-24
ADID-R-0012-EVB ABRACON-ADID-R-0012-EVB Datasheet
813Kb / 10P
Wi-Fi 6/6E/7 LTCC RF Diplexer
11-26-24
ADID-R-0013 ABRACON-ADID-R-0013 Datasheet
835Kb / 10P
Wi-Fi 6/6E/7 LTCC RF Diplexer
11-26-24
ADID-R-0013-EVB ABRACON-ADID-R-0013-EVB Datasheet
835Kb / 10P
Wi-Fi 6/6E/7 LTCC RF Diplexer
11-26-24
ADID-R-0014 ABRACON-ADID-R-0014 Datasheet
816Kb / 10P
Dual-Band Wi-Fi LTCC RF Diplexer
11-26-24
More results

Similar Description - ADID-R-0015

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10004-SB WPI-WPANT10004-SB Datasheet
239Kb / 5P
Dual-band Wi-Fi Embedded Antenna
WPANT10005-SB WPI-WPANT10005-SB Datasheet
251Kb / 5P
Dual-band Wi-Fi Embedded Antenna
WPANT10007-SA WPI-WPANT10007-SA Datasheet
231Kb / 5P
Dual-band Wi-Fi Embedded Antenna
WPANT10008-SA WPI-WPANT10008-SA Datasheet
233Kb / 5P
Dual-band Wi-Fi Embedded Antenna
WPANT30094-R1A WPI-WPANT30094-R1A Datasheet
68Kb / 2P
Wi-Fi Dual-band Stubby Antenna
WPANT10004 WPI-WPANT10004 Datasheet
170Kb / 3P
Dual-band Wi-Fi Embedded Antenna
WPANT10050 WPI-WPANT10050 Datasheet
151Kb / 3P
Dual-band Wi-Fi Embedded Antenna
WPANT10062 WPI-WPANT10062 Datasheet
78Kb / 2P
Dual-band Wi-Fi / WLAN Antenna
WPANT10064 WPI-WPANT10064 Datasheet
86Kb / 2P
Dual-band Wi-Fi / WLAN Antenna
WPANT30120 WPI-WPANT30120 Datasheet
65Kb / 2P
MIMO Antenna ??Dual-band Wi-Fi
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com