Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFII-SW-0031 Datasheet(PDF) 12 Page - Abracon Corporation

Part # AFII-SW-0031
Description  SMD 866.5 MHz SAW Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFII-SW-0031 Datasheet(HTML) 12 Page - Abracon Corporation

Back Button AFII-SW-0031 Datasheet HTML 4Page - Abracon Corporation AFII-SW-0031 Datasheet HTML 5Page - Abracon Corporation AFII-SW-0031 Datasheet HTML 6Page - Abracon Corporation AFII-SW-0031 Datasheet HTML 7Page - Abracon Corporation AFII-SW-0031 Datasheet HTML 8Page - Abracon Corporation AFII-SW-0031 Datasheet HTML 9Page - Abracon Corporation AFII-SW-0031 Datasheet HTML 10Page - Abracon Corporation AFII-SW-0031 Datasheet HTML 11Page - Abracon Corporation AFII-SW-0031 Datasheet HTML 12Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 08-27-24
For terms and conditions of sales, please visit:
www.abracon.com
SMD 866.5 MHz SAW Filter
AFII-SW-0031
1.4 x 1.1 x 0.7 mm
RoHS Compliant
MSL Level = 3
Request Samples
Check Inventory
Tape & Reel (5,000 pcs / reel)
1. Tape & Reel Dimension
Carrier Tape Specifications (mm)
Do
D1
E1
P0
P2
T
F
P1
W
A0
B0
K0
Reel Qty
1.50 ± 0.1
0.5 ± 0.1
1.75 ± 0.1
4.0 ± 0.1
2.0 ± 0.05
0.2 ± 0.03
3.5 ± 0.05
2.0 ± 0.1
8.0 ± 0.3
0.95 ± 0.05 1.15 ± 0.05 0.68 ± 0.04
5,000
Reel Specifications (mm)
A
W1
N
C
B
178.0 ± 0.05
9.0 ± 0.3
60 ± 0.2
13.3 ± 0.2
2.2 ± 0.2
Packaging
ATTENTION: Abracon LLC’s products are Commercial-Off-The-Shelf (‘COTS’), which are designed, intended, and validated for use in commercial, industrial, and automotive applications.
The customer is responsible for testing and verifying the performance of an Abracon solution to meet their system-level requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com