Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFII-SW-0031 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AFII-SW-0031
Description  SMD 866.5 MHz SAW Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFII-SW-0031 Datasheet(HTML) 2 Page - Abracon Corporation

  AFII-SW-0031 Datasheet HTML 1Page - Abracon Corporation AFII-SW-0031 Datasheet HTML 2Page - Abracon Corporation AFII-SW-0031 Datasheet HTML 3Page - Abracon Corporation AFII-SW-0031 Datasheet HTML 4Page - Abracon Corporation AFII-SW-0031 Datasheet HTML 5Page - Abracon Corporation AFII-SW-0031 Datasheet HTML 6Page - Abracon Corporation AFII-SW-0031 Datasheet HTML 7Page - Abracon Corporation AFII-SW-0031 Datasheet HTML 8Page - Abracon Corporation AFII-SW-0031 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 08-27-24
For terms and conditions of sales, please visit:
www.abracon.com
SMD 866.5 MHz SAW Filter
AFII-SW-0031
1.4 x 1.1 x 0.7 mm
RoHS Compliant
MSL Level = 3
Request Samples
Check Inventory
Electrical Specification
Notes: (1) Averaged values of linear S-Parameters at +25ºC
(2) Averaged values of linear S-Parameters at +25ºC
(3) A matching network is unnecessary (refer to the Measurement Circuits section).
Mechanical Specification
Parameters
Minimum
Typical
Maximum
Units
Notes
Center Frequency (fc)
-
866.5
-
MHz
-
VSWR
-
1.6
2.0
-
863 - 870 MHz
Insertion Loss (1)
-
1.7
1.9
dB
863 - 870 MHz
Amplitude Ripple (1)
-
0.3
1.0
dB
863 - 870 MHz
Group Delay
-
58.0
71.2
ns
863 - 870 MHz
Group Delay Ripple (1)
-
2.1
4.2
ns
Attenuation (2)
(Reference level from 0 dB)
40.0
47.0
-
dB
0.30 - 750.00 MHz
40.0
47.0
-
750.00 - 815.00 MHz
43.0
50.0
-
815.00 - 832.00 MHz
25.0
30.0
-
832.00 - 847.00 MHz
38.0
43.0
-
892.00 - 925.00 MHz
38.0
44.0
-
925.00 - 1920.00 MHz
40.0
47.0
-
1920.00 - 1940.00 MHz
40.0
47.0
-
1940.00 - 1980.00 MHz
30.0
39.0
1980.00 - 4000.00 MHz
Source Impedance
(single ended) (3)
-
50
-
Ω
Load Impedance
(single ended) (3)
-
50
-
Ω
RF Power Dissipation
-
-
20
dBm
Parameters
Specifications
Dimension
1.4 x 1.1 x 0.7 mm
Mounting Type
Surface Mount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com