Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41TC8025AMC6F Datasheet(PDF) 34 Page - STMicroelectronics

Part # M41TC8025AMC6F
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025AMC6F Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M41TC8025AMC6F Datasheet HTML 30Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 31Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 32Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 33Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 34Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 35Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 36Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 37Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
DC and AC parameters
M41TC8025
34/41
DocID022873 Rev 4
Table 27. DC and AC characteristics
Parameter
Symbol
Condition(1)(2)
Min
Typ
Max
Unit
Operating
voltage
VCC1
Clock operating and timekeeping
1.6
5.5
V
VCC2
I2C interface operating
1.8
5.5
V
VCC3
Temperature compensation
2.2
5.5
V
Supply current
ICC1
fSCL = 0 Hz, IRQ = VCC
FOE = VSS,
FOUT = output OFF (Hi-Z)
Temperature compensation
interval = 2.0 seconds
5 V
1.2
3.4
μA
ICC2
3 V
0.8
2.8
μA
ICC3
fSCL = 0 Hz, IRQ = VCC
FOE = VCC,
FOUT = 32 KHz, CL = 0 pF
Temperature compensation
interval = 2.0 seconds
5 V
3.0
7.5
μA
ICC4
3 V
2.0
5.0
μA
ICC5
fSCL = 0 Hz, IRQ = VCC
FOE = VCC,
FOUT = 32 KHz, CL = 30 pF
Temperature compensation
interval = 2.0 seconds
5 V
8.0
20.0
μA
ICC6
3 V
5.0
12.0
μA
Temperature
compensation
time
tC
0.977
ms
Input voltage
logic high
VIH
FOE
0.7*VCC
VCC + 0.3
V
SCL and SDA
0.7*VCC
5.5
Input voltage
logic low
VIL
FOE, SCL and SDA
VSS – 0.3
0.3*VCC
V
Output voltage
logic high
VOH1
FOUT
VCC = 5 V,
IOH = -1 mA
4.5
5.0
V
VOH2
VCC = 3 V,
IOH = -1 mA
2.2
3.0
V
VOH3
VCC = 3 V,
IOH = -100 μA
2.9
3.0
V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com