Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41TC8025AMC6F Datasheet(PDF) 38 Page - STMicroelectronics

Part # M41TC8025AMC6F
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025AMC6F Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M41TC8025AMC6F Datasheet HTML 33Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 34Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 35Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 36Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 37Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 38Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 39Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 40Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
Package mechanical data
M41TC8025
38/41
DocID022873 Rev 4
Table 29. SO14 - 14-lead small outline 200-mil package mechanical data
Symbol
mm
in
Min
Typ
Max
Min
Typ
Max
A
-
-
2.25
-
-
0.089
A1
0.15
0.20
0.25
0.006
0.008
0.010
A2
1.80
1.90
2.00
0.071
0.075
0.079
A3
0.85
0.95
1.05
0.033
0.037
0.041
b
0.41
-
0.54
0.016
-
0.021
b1
0.40
0.45
0.50
0.016
0.018
0.020
c
0.14
-
0.21
0.006
-
0.008
c1
0.13
0.15
0.17
0.005
0.006
0.007
D1
9.80
9.90
10.00
0.386
0.390
0.394
D(1)
10.05
10.15
10.25
0.396
0.400
0.404
E
7.30
7.45
7.60
0.287
0.293
0.299
E1
5.20
5.30
5.40
0.205
0.209
0.213
e
1.27
0.050
L
0.30
0.50
0.70
0.012
0.020
0.028
L1
1.07 ref.
0.042 ref.
R
0.07
-
-
0.003
-
-
R1
0.07
-
-
0.003
-
-
1
0°
-
8°
0°
-
8°
2
13°
15°
17°
13°
15°
17°
3
6°
8°
10°
6°
8°
10°
4
9.5°
11.5°
13.5°
9.5°
11.5°
13.5°
5
6°
8°
10°
6°
8°
10°
1. Dimension “D” includes mold flash.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com