Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93RMY6F Datasheet(PDF) 55 Page - STMicroelectronics

Part # M41T93RMY6F
Description  Serial SPI bus real-time clock (RTC) with battery switchover
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93RMY6F Datasheet(HTML) 55 Page - STMicroelectronics

Back Button M41T93RMY6F Datasheet HTML 48Page - STMicroelectronics M41T93RMY6F Datasheet HTML 49Page - STMicroelectronics M41T93RMY6F Datasheet HTML 50Page - STMicroelectronics M41T93RMY6F Datasheet HTML 51Page - STMicroelectronics M41T93RMY6F Datasheet HTML 52Page - STMicroelectronics M41T93RMY6F Datasheet HTML 53Page - STMicroelectronics M41T93RMY6F Datasheet HTML 54Page - STMicroelectronics M41T93RMY6F Datasheet HTML 55Page - STMicroelectronics M41T93RMY6F Datasheet HTML 56Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
DocID12615 Rev 8
55/56
M41T93
Revision history
56
8
Revision history
Table 26. Document revision history
Date
Revision
Changes
12-Oct-2011
6
Updated Features, title, Section 3.1: Clock data coherency, Section 3.2: Halt bit (HT)
operation; added Figure 9, added footnote 2 to Table 25: Ordering information.
04-Sep-2013
7
Updated Features bullet concerning accuracy
Added footnote 2 within Figure 4
Updated Figure 6
Updated Section 2 and 2.2
Updated Section 3, 3.3, 3.4.1, 3.4.2, and Section 3.5
Updated Figure 13
Updated Section 3.6
Textual update in Figure 15
Removed figure entitled “Alarm interrupt reset waveform”
Updated Section 3.7, 3.8, 3.8.1, Table 7 and 8
Added Figure 16
Removed section concerning TI/TP bit
Updated Section 3.8.2 and 3.8.3
Removed table entitled “Timer countdown value register bits (addr 11h)”
Updated Section 3.10, 3.11
Added Figure 18
Removed table entitled “Century bits examples”
Removed section concerning output driver pin
Updated Section 3.12 and 3.13
Added Section 3.14 and Figure 19, Table 11 and 12
Updated Section 3.16
Updated Table 15
Updated test condition for VOL in Table 18
Removed section concerning crystal component suppliers
Updated Table 25
Minor textual updates throughout document
11-Nov-2013
8
Updated Section 3.10: Battery low warning and added Figure 17; updated
Section 3.4.2: Analog calibration (programmable load capacitance) and added
Section 3.4.3: Pre-programmed calibration value; updated Section 3.16: OTP bit
operation (SOX18 package only); updated Table 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com