Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93RMY6F Datasheet(PDF) 37 Page - STMicroelectronics

Part # M41T93RMY6F
Description  Serial SPI bus real-time clock (RTC) with battery switchover
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93RMY6F Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M41T93RMY6F Datasheet HTML 33Page - STMicroelectronics M41T93RMY6F Datasheet HTML 34Page - STMicroelectronics M41T93RMY6F Datasheet HTML 35Page - STMicroelectronics M41T93RMY6F Datasheet HTML 36Page - STMicroelectronics M41T93RMY6F Datasheet HTML 37Page - STMicroelectronics M41T93RMY6F Datasheet HTML 38Page - STMicroelectronics M41T93RMY6F Datasheet HTML 39Page - STMicroelectronics M41T93RMY6F Datasheet HTML 40Page - STMicroelectronics M41T93RMY6F Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
DocID12615 Rev 8
37/56
M41T93
Clock operation
56
The M41T93 only checks the battery when powered by VCC. It does not check the battery
while in backup mode. Thus, users are advised that during long periods in backup mode,
the battery can drop to a level at which timekeeping may fail or data becomes corrupted. If,
at power-up, a battery low is indicated, data integrity should be verified.
Forcing a battery check
If it is desired to check the battery at an arbitrary time, one common technique is for the
application software to write the time to just before midnight, 23:59:59, and then wait two
seconds thereby letting the clock rollover and causing the BL bit to update. The application
then restores the time back to its previous value plus two seconds.
3.11
Century bits
The M41T93 includes 2 century bits (CB1, CB0) which function as a 2-bit binary counter that
increments at the end of each century. The user may arbitrarily assign the meaning of
CB1:CB0 to represent any century value, but the simplest way of using these bits is to
extend the year register by mapping them directly to bits 9 and 8 (with the year register
comprising bits 7:0). Higher order century bits can be maintained in the application software.
Figure 18. Two-bit binary counter (century bits CB1:CB0)
In this example, CB1:CB0 represent the two lower bits of the century byte.
Leap year
Leap year occurs every four years, in years which are multiples of 4. For example, 2012 was
a leap year. An exception to that is any year which is a multiple of 100. For example, the
year 2100 is not a leap year. A contradiction to that is that years which are multiples of 400
are indeed leap years. Hence, while 2100 is not a leap year, 2400 is.
During any year which is a multiple of 4, ST RTC and TIMEKEEPER devices will
automatically insert leap day, February 29. Therefore, the application software must correct
for this during the exception years (2100, 2200, etc.) as noted above.
00
CB1:CB0
01
10
11
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Example: 16-bit year value
MAINTAIN
ADDITIONAL
YEAR BITS IN
SOFTWARE
LOWER 8 BITS
CONTAINED IN
YEAR REGISTER
(07h)
LET CB1:CB0 REPRESENT
BITS 9 AND 8 TO EXTEND
THE YEAR REGISTER
CB1:CB0
Century
00
2000 -2099
01
2100 - 2199
10
2200 - 2299
11
2300 - 2399



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com