Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T512V Datasheet(PDF) 21 Page - STMicroelectronics

Part # M48T512V
Description  5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER® SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T512V Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M48T512V Datasheet HTML 15Page - STMicroelectronics M48T512V Datasheet HTML 16Page - STMicroelectronics M48T512V Datasheet HTML 17Page - STMicroelectronics M48T512V Datasheet HTML 18Page - STMicroelectronics M48T512V Datasheet HTML 19Page - STMicroelectronics M48T512V Datasheet HTML 20Page - STMicroelectronics M48T512V Datasheet HTML 21Page - STMicroelectronics M48T512V Datasheet HTML 22Page - STMicroelectronics M48T512V Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
M48T512Y, M48T512V
Part numbering
Doc ID 5747 Rev 7
21/23
8
Part numbering
Table 13.
Ordering information scheme
For other options, or for more information on any aspect of this device, please contact the
ST sales office nearest you.
Example:
M48T
512Y
–70
PM
1
Device type
M48T
Supply voltage and write protect voltage
512Y(1) = VCC = 4.5 to 5.5 V; VPFD = 4.2 to 4.5 V
1.
Device is not recommended for new design. Contact local ST sales office for availability.
512V(1) = VCC = 3.0 to 3.6 V; VPFD = 2.7 to 3.0 V
Speed
–70 = 70 ns (512Y)
–85 = 85 ns (512V)
Package
PM = PMDIP32
Temperature range
1 = 0 to 70 °C
Shipping method
Blank = ECOPACK® package, tubes
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com