Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC132 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HC132
Description  Quad 2-input Schmitt NAND gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC132 Datasheet(HTML) 5 Page - STMicroelectronics

  M74HC132 Datasheet HTML 1Page - STMicroelectronics M74HC132 Datasheet HTML 2Page - STMicroelectronics M74HC132 Datasheet HTML 3Page - STMicroelectronics M74HC132 Datasheet HTML 4Page - STMicroelectronics M74HC132 Datasheet HTML 5Page - STMicroelectronics M74HC132 Datasheet HTML 6Page - STMicroelectronics M74HC132 Datasheet HTML 7Page - STMicroelectronics M74HC132 Datasheet HTML 8Page - STMicroelectronics M74HC132 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID1896 Rev 3
5/13
M74HC132
Electrical characteristics
13
3
Electrical characteristics
“Absolute maximum ratings” are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied.
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.5 to +7
V
VI
DC input voltage
-0.5 to VCC + 0.5
VO
DC output voltage
IIK
DC input diode current
± 20
mA
IOK
DC output diode current
IO
DC output current
± 25
ICC or
IGND
DC VCC or ground current
± 50
PD
Power dissipation
SO14
500(1)
1. Power dissipation at 65 °C. Derating from 65 °C to 125 °C: SO14 -7 mW/°C, TSSOP14 -6.1 mW/°C.
mW
TSSOP14
450(1)
Tstg
Storage temperature
-65 to +150
°C
TL
Lead temperature (10 sec)
300
Table 5. Recommended operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2 to 6
V
VI
Input voltage
0 to VCC
VO
Output voltage
Top
Operating temperature
-55 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com