Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC132 Datasheet (PDF) - STMicroelectronics

M74HC132 Datasheet PDF - STMicroelectronics
Part # M74HC132
Download  M74HC132 Download
File Size   477.03 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quad 2-input Schmitt NAND gate

M74HC132 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC132 Datasheet PDF - STMicroelectronics

Part # M74HC132
Download  M74HC132 Click to download

File Size   477.03 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quad 2-input Schmitt NAND gate

M74HC132 Datasheet (HTML) - STMicroelectronics


M74HC132 Product details

Features
• High-speed:
tPD = 11 ns (typ.) at VCC = 6 V
• Low power dissipation:
ICC = 1 μA (max.) at TA = 25 °C
• High noise immunity:
VH(typ) = 0.9 V at VCC = 5 V
• Symmetrical output impedance:
|IOH| = IOL = 4 mA (min.)
• Balanced propagation delays:
tPLH ≅ tPHL
• Wide operating voltage range:
VCC (opr) = 2 V to 6 V
• Pin and function compatible with 74 series 132
• ESD performance
– HBM: 2 kV
– MM: 200 V
– CDM: 1 kV




Similar Part No. - M74HC132

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC132 STMICROELECTRONICS-M74HC132 Datasheet
234Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
Dec-1992
M74HC132 STMICROELECTRONICS-M74HC132 Datasheet
180Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
March 2002
M74HC132B1R STMICROELECTRONICS-M74HC132B1R Datasheet
234Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
Dec-1992
M74HC132B1R STMICROELECTRONICS-M74HC132B1R Datasheet
180Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
March 2002
M74HC132C1R STMICROELECTRONICS-M74HC132C1R Datasheet
234Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
Dec-1992
More results


Similar Description - M74HC132

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT132A STMICROELECTRONICS-74VHCT132A Datasheet
53Kb / 7P
QUAD 2-INPUT SCHMITT NAND GATE
Feb-2000
M54HC132 STMICROELECTRONICS-M54HC132 Datasheet
234Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
Dec-1992
M74HCT132 STMICROELECTRONICS-M74HCT132 Datasheet
49Kb / 7P
QUAD 2-INPUT SCHMITT NAND GATE
Jun-1998
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F Datasheet
209Kb / 5P
QUAD 2-INPUT SCHMITT NAND GATE
TC74HC132AP TOSHIBA-TC74HC132AP_07 Datasheet
267Kb / 8P
Quad 2-Input Schmitt NAND Gate
TC74VHC132F TOSHIBA-TC74VHC132F_07 Datasheet
258Kb / 10P
Quad 2-Input Schmitt NAND Gate
logo
STMicroelectronics
M74HCT132 STMICROELECTRONICS-M74HCT132_01 Datasheet
180Kb / 8P
QUAD 2-INPUT SCHMITT NAND GATE
Jul-2001
74VHC132 STMICROELECTRONICS-74VHC132_04 Datasheet
235Kb / 11P
QUAD 2-INPUT SCHMITT NAND GATE
12-Nov-2004
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F_12 Datasheet
216Kb / 9P
Quad 2-Input Schmitt NAND Gate
TC74VHC132F TOSHIBA-TC74VHC132F_V01 Datasheet
273Kb / 5P
QUAD 2-INPUT SCHMITT NAND GATE
1997-01-30
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com