Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2H100AY Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPS2H100AY
Description  Automotive 100 V - 2 A power Schottky diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2H100AY Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPS2H100AY Datasheet HTML 5Page - STMicroelectronics STPS2H100AY Datasheet HTML 6Page - STMicroelectronics STPS2H100AY Datasheet HTML 7Page - STMicroelectronics STPS2H100AY Datasheet HTML 8Page - STMicroelectronics STPS2H100AY Datasheet HTML 9Page - STMicroelectronics STPS2H100AY Datasheet HTML 10Page - STMicroelectronics STPS2H100AY Datasheet HTML 11Page - STMicroelectronics STPS2H100AY Datasheet HTML 12Page - STMicroelectronics STPS2H100AY Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
3
Ordering information
Table 7. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STPS2H100AY
S21Y
SMA
68 mg
5000
Tape and reel
STPS2H100UY
G21Y
SMB
107 mg
2500
Tape and reel
STPS2H100AFY
2H100Y
SOD128Flat
26.4 mg
3000
Tape and reel
STPS2H100-Y
Ordering Information
DS6949 - Rev 2
page 11/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com