Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2L25 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS2L25
Description  25 V, 2 A low drop power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L25 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS2L25 Datasheet HTML 1Page - STMicroelectronics STPS2L25 Datasheet HTML 2Page - STMicroelectronics STPS2L25 Datasheet HTML 3Page - STMicroelectronics STPS2L25 Datasheet HTML 4Page - STMicroelectronics STPS2L25 Datasheet HTML 5Page - STMicroelectronics STPS2L25 Datasheet HTML 6Page - STMicroelectronics STPS2L25 Datasheet HTML 7Page - STMicroelectronics STPS2L25 Datasheet HTML 8Page - STMicroelectronics STPS2L25 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
•
Very low forward voltage drop for less power dissipation
•
Optimized conduction/reverse losses trade-off which means the highest
efficiency in the applications
•
Avalanche rated
•
ECOPACK2 compliant
Applications
•
Cordless appliance
•
SSD
•
Battery charger
•
Telecom power
•
DC / DC converter
Description
Schottky rectifiers designed for high frequency miniature switched mode power
supplies such as adaptors and on board DC/DC converters.
Packaged in SMA Flat Notch or SMB for thermal resistance characteristic
improvement, the STPS2L25 is ideal for use in parallel with MOSFETs in
synchronous rectification.
Product status
STPS2L25
Product summary
Symbol
Value
IF(AV)
2 A
VRRM
25 V
T j(max.)
150 °C
VF(typ.)
0.325 V
25 V, 2 A low drop power Schottky rectifier
STPS2L25
Datasheet
DS1245 - Rev 7 - September 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS2L25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2L25 STMICROELECTRONICS-STPS2L25 Datasheet
52Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS2L25 STMICROELECTRONICS-STPS2L25 Datasheet
114Kb / 9P
Low drop power Schottky rectifier
08-Feb-2007
STPS2L25U STMICROELECTRONICS-STPS2L25U Datasheet
52Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS2L25U STMICROELECTRONICS-STPS2L25U Datasheet
114Kb / 9P
Low drop power Schottky rectifier
08-Feb-2007
STPS2L25UF STMICROELECTRONICS-STPS2L25UF Datasheet
114Kb / 9P
Low drop power Schottky rectifier
08-Feb-2007
More results

Similar Description - STPS2L25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com