Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2L25 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS2L25
Description  25 V, 2 A low drop power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L25 Datasheet(HTML) 4 Page - STMicroelectronics

  STPS2L25 Datasheet HTML 1Page - STMicroelectronics STPS2L25 Datasheet HTML 2Page - STMicroelectronics STPS2L25 Datasheet HTML 3Page - STMicroelectronics STPS2L25 Datasheet HTML 4Page - STMicroelectronics STPS2L25 Datasheet HTML 5Page - STMicroelectronics STPS2L25 Datasheet HTML 6Page - STMicroelectronics STPS2L25 Datasheet HTML 7Page - STMicroelectronics STPS2L25 Datasheet HTML 8Page - STMicroelectronics STPS2L25 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Figure 5. Reverse leakage current versus reverse voltage
applied (typical values)
I (mA)
R
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
20
25
V (V)
R
T =150°C
j
T =25°C
j
T =100°C
j
T =125°C
j
5
10
15
Figure 6. Junction capacitance versus reverse voltage
applied (typical values)
C(pF)
10
100
1000
1
10
100
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
Figure 7. Forward voltage drop versus forward current
(high level)
I (A)
F
V (V)
F
Tj =125°C
(maximum values)
Tj =125°C
(typical values)
Tj =25°C
(maximum values)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.1
1.0
10.0
Figure 8. Forward voltage drop versus forward current
(low level)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
I (A)
F
V (V)
F
Tj =125°C
(maximum values)
Tj =125°C
(typical values)
Tj =25°C
(maximum values)
Figure 9. Forward voltage drop versus forward current
(typical values)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.10
1.00
10.00
I (A)
F
V (V)
F
T =25°C
j
T =125°C
j
T =150°C
j
Figure 10. Thermal resistance junction to ambient versus
copper surface under each lead
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(j-a)
SMB
S(Cu)(cm²)
Epoxy p ri nted ci rcuit board FR4, coppe r t hickness: 35 µm
STPS2L25
Characteristics (curves)
DS1245 - Rev 7
page 4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com