Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2L30 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS2L30
Description  30 V, 2 A low drop power Schottky rectifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L30 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS2L30 Datasheet HTML 1Page - STMicroelectronics STPS2L30 Datasheet HTML 2Page - STMicroelectronics STPS2L30 Datasheet HTML 3Page - STMicroelectronics STPS2L30 Datasheet HTML 4Page - STMicroelectronics STPS2L30 Datasheet HTML 5Page - STMicroelectronics STPS2L30 Datasheet HTML 6Page - STMicroelectronics STPS2L30 Datasheet HTML 7Page - STMicroelectronics STPS2L30 Datasheet HTML 8Page - STMicroelectronics STPS2L30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
•
Low forward voltage drop for less power dissipation
•
Optimized conduction/reverse losses trade-off which lead to the highest
efficiency in the applications
•
Surface mount miniature package
•
Avalanche rated
•
ECOPACK2 component
Applications
•
Cordless appliance
•
SSD
•
Battery charger
•
Telecom power
•
DC / DC converter
Description
Single chip Schottky rectifiers designed for high frequency miniature switched mode
power supplies such as adaptors and on board DC/DC converters.
Packaged in SMA, SMA Flat, SMA Flat Notch and SMB Flat, the STPS2L30 is ideal
for use in parallel with MOSFETs in synchronous rectification.
Product status
STPS2L30
Product summary
Symbol
Value
IF(AV)
2 A
VRRM
30 V
T j(max.)
150 °C
VF(typ.)
0.325 V
30 V, 2 A low drop power Schottky rectifier
STPS2L30
Datasheet
DS1526 - Rev 8 - September 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS2L30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2L30 STMICROELECTRONICS-STPS2L30 Datasheet
145Kb / 10P
Low drop power Schottky rectifier
23-Apr-2008
STPS2L30 STMICROELECTRONICS-STPS2L30 Datasheet
145Kb / 10P
Low drop power Schottky rectifier
23-Apr-2008
STPS2L30A STMICROELECTRONICS-STPS2L30A Datasheet
57Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Aug-1999
STPS2L30A STMICROELECTRONICS-STPS2L30A Datasheet
145Kb / 10P
Low drop power Schottky rectifier
23-Apr-2008
STPS2L30AF STMICROELECTRONICS-STPS2L30AF Datasheet
145Kb / 10P
Low drop power Schottky rectifier
23-Apr-2008
More results

Similar Description - STPS2L30

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3020BEP-Q NEXPERIA-PMEG3020BEP-Q Datasheet
254Kb / 12P
30 V, 2 A low VF Schottky barrier rectifier
20 February 2023
PMEG3020BER-Q NEXPERIA-PMEG3020BER-Q Datasheet
261Kb / 13P
30 V, 2 A low VF Schottky barrier rectifier
16 November 2022
PMEG3020DEP-Q NEXPERIA-PMEG3020DEP-Q Datasheet
253Kb / 12P
30 V, 2 A low VF Schottky barrier rectifier
20 February 2023
PMEG3020EGW-Q NEXPERIA-PMEG3020EGW-Q Datasheet
219Kb / 10P
30 V, 2 A low VF Schottky barrier rectifier
13 October 2022
PMEG3020BEP NEXPERIA-PMEG3020BEP Datasheet
257Kb / 12P
30 V, 2 A low VF Schottky barrier rectifier
20 February 2023
PMEG3020BER NEXPERIA-PMEG3020BER Datasheet
284Kb / 13P
30 V, 2 A low VF Schottky barrier rectifier
1 January 2023
PMEG3020CEP NEXPERIA-PMEG3020CEP Datasheet
1Mb / 12P
30 V, 2 A low VF Schottky barrier rectifier
1 January 2023
PMEG3020DEP NEXPERIA-PMEG3020DEP Datasheet
253Kb / 12P
30 V, 2 A low VF Schottky barrier rectifier
20 February 2023
PMEG3020EP NEXPERIA-PMEG3020EP Datasheet
317Kb / 12P
30 V, 2 A low VF Schottky barrier rectifier
1 January 2023
PMEG3020ER NEXPERIA-PMEG3020ER Datasheet
1Mb / 13P
30 V, 2 A low VF Schottky barrier rectifier
1 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com