Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS08A Datasheet(PDF) 33 Page - Seiko Instruments Inc

Part # S24CS08A
Description  2-WIRE CMOS SERIAL E2PROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S24CS08A Datasheet(HTML) 33 Page - Seiko Instruments Inc

Back Button S24CS08A Datasheet HTML 29Page - Seiko Instruments Inc S24CS08A Datasheet HTML 30Page - Seiko Instruments Inc S24CS08A Datasheet HTML 31Page - Seiko Instruments Inc S24CS08A Datasheet HTML 32Page - Seiko Instruments Inc S24CS08A Datasheet HTML 33Page - Seiko Instruments Inc S24CS08A Datasheet HTML 34Page - Seiko Instruments Inc S24CS08A Datasheet HTML 35Page - Seiko Instruments Inc S24CS08A Datasheet HTML 36Page - Seiko Instruments Inc S24CS08A Datasheet HTML 37Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
2-WIRE CMOS SERIAL E2PROM
Rev.4.4_00
S-24CS01A/02A/04A/08A
Seiko Instruments Inc.
33
2. AC Characteristics
2. 1 Maximum operating frequency fMAX.
2. 2 Write time tWR
 Power supply voltage VCC
 Power supply voltage VCC
10 k
2 3 4
5
Ta=25
°C
VCC (V)
fMAX.
(Hz)
1
100 k
1 M
VCC (V)
8
4
Ta=25
°C
tWR
(ms)
2
6
0
6
2
3 4
5
1
2. 3 Write time tWR
 Ambient temperature (Ta) 2. 4 Write time tWR  Ambient temperature (Ta)
VCC=4.5 V
tWR
(ms)
9
6
3
0
Ta (
°C)
-40
0
85
VCC=2.7 V
tWR
(ms)
9
6
3
0
Ta (
°C)
-40
0
85
2. 5 SDA output delay time tAA
2. 6 SDA output delay time tAA
 Ambient temperature (Ta)
 Ambient temperature (Ta)
Ta (
°C)
-40
0
85
VCC=4.5 V
1.0
0.5
tAA
(
µs)
0
Ta (
°C)
-40
0
85
VCC=2.7 V
1.0
0.5
tAA
(
µs)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com