Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS08A Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S24CS08A
Description  2-WIRE CMOS SERIAL E2PROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S24CS08A Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S24CS08A Datasheet HTML 1Page - Seiko Instruments Inc S24CS08A Datasheet HTML 2Page - Seiko Instruments Inc S24CS08A Datasheet HTML 3Page - Seiko Instruments Inc S24CS08A Datasheet HTML 4Page - Seiko Instruments Inc S24CS08A Datasheet HTML 5Page - Seiko Instruments Inc S24CS08A Datasheet HTML 6Page - Seiko Instruments Inc S24CS08A Datasheet HTML 7Page - Seiko Instruments Inc S24CS08A Datasheet HTML 8Page - Seiko Instruments Inc S24CS08A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
Rev.4.4_00
2-WIRE CMOS SERIAL E2PROM
S-24CS01A/02A/04A/08A
Seiko Instruments Inc.
1
The S-24CS01A/02A/04A/08A is a 2-wired, low
power and wide range operation 1k bit, 2k bit, 4k bit
and 8k bit E
2PROM organized as 128 words × 8 bits,
256 words
× 8 bits, 512 words × 8 bits and 1024
words
× 8 bits in each.
Page write and sequential read are available.
Features
• Low power consumption Standby : 2.0 µA Max. (VCC=5.5 V)
Read :
0.8 mA Max. (VCC
=5.5 V)
• Operating voltage range Read :
1.8 to 5.5 V (at
−40 to +85°C)
Write :
2.55 to 5.5 V (at
−40 to +85°C)
• Page write :
8 bytes / page (S-24CS01A/02A)
16 bytes / page (S-24CS04A/08A)
• Sequential read
• Operating Frequency :
400 kHz (VCC=5 V
±10%, at −40 to +85°C)
• Write disable function when power supply voltage is low
• Endurance:
10
7 cycles/word*1 (at +25°C) write capable,
10
6 cycles/word*1 (at +85°C)
3
× 10
5 cycles/word*1 (at +105°C)
*1. For each address (Word: 8 bits)
• Data retention:
10 years (after rewriting 10
6 cycles/word at +85°C)
• S-24CS01A :
1k bit
• S-24CS02A :
2k bit
• S-24CS04A :
4k bit
• S-24CS08A :
8k bit
• High-temperature operation : +105°C Max. supported
(Only S-24CS0xAFJ-TBH-G, S-24CS0xAFT-TBH-G)
• Write protection :
100%
• Lead-free product
Packages
Drawing code
Package name
Package
Tape
Reel
Land
8-Pin DIP
DP008-F
8-Pin SOP(JEDEC)
FJ008-A
FJ008-D
FJ008-D
8-Pin TSSOP
FT008-A
FT008-E
FT008-E
SNT-8A
PH008-A
PH008-A
PH008-A
PH008-A
Caution This product is intended to use in general electronic devices such as consumer electronics,
office equipment, and communications devices. Before using the product in medical
equipment or automobile equipment including car audio, keyless entry and engine control
unit, contact to SII is indispensable.


Similar Part No. - S24CS08A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S24CS0 ABLIC-S24CS0 Datasheet
456Kb / 37P
FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.1_03
logo
Seiko Instruments Inc
S24CS01A SII-S24CS01A Datasheet
559Kb / 46P
S24CS01A
More results

Similar Description - S24CS08A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C02BPPHL SII-S-24C02BPPHL Datasheet
359Kb / 39P
2-WIRE CMOS SERIAL E2PROM
S-24C04BPHAL SII-S-24C04BPHAL Datasheet
353Kb / 38P
2-WIRE CMOS SERIAL E2PROM
S-24CS16A SII-S-24CS16A Datasheet
628Kb / 53P
2-WIRE CMOS SERIAL E2PROM
S-24CS64A SII-S-24CS64A Datasheet
488Kb / 44P
2-WIRE CMOS SERIAL E2PROM
S-24CS16A0I-T8T1G SII-S-24CS16A0I-T8T1G Datasheet
579Kb / 46P
2-WIRE CMOS SERIAL E2PROM
S-24C02D SII-S-24C02D Datasheet
1Mb / 47P
2-WIRE SERIAL E2PROM
S24C256C SII-S24C256C Datasheet
1Mb / 35P
2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C32C ABLIC-S-24C32C Datasheet
649Kb / 44P
2-WIRE SERIAL E2PROM
Rev.4.0_03_H
S-24C256C ABLIC-S-24C256C Datasheet
496Kb / 35P
2-WIRE SERIAL E2PROM
Rev.2.0_03_S
S-24C512C ABLIC-S-24C512C Datasheet
493Kb / 35P
2-WIRE SERIAL E2PROM
Rev.2.0_03_S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com