Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2998MA/NOPB.A Datasheet(PDF) 20 Page - Texas Instruments

Part # LP2998MA/NOPB.A
Description  LP2998/LP2998-Q1 DDR Termination Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2998MA/NOPB.A Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP2998MA/NOPB.A Datasheet HTML 16Page - Texas Instruments LP2998MA/NOPB.A Datasheet HTML 17Page - Texas Instruments LP2998MA/NOPB.A Datasheet HTML 18Page - Texas Instruments LP2998MA/NOPB.A Datasheet HTML 19Page - Texas Instruments LP2998MA/NOPB.A Datasheet HTML 20Page - Texas Instruments LP2998MA/NOPB.A Datasheet HTML 21Page - Texas Instruments LP2998MA/NOPB.A Datasheet HTML 22Page - Texas Instruments LP2998MA/NOPB.A Datasheet HTML 23Page - Texas Instruments LP2998MA/NOPB.A Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
LP2998, LP2998-Q1
SNVS521K – DECEMBER 2007 – REVISED AUGUST 2014
www.ti.com
10 Power Supply Recommendations
There are several recommendations for the LP2998 input power supply. An input capacitor is not required but is
recommended for improved performance during large load transients to prevent the input rail from dropping. The
input capacitor should be located as close as possible to the PVIN pin. Several recommendations exist
dependent on the application required. A typical value recommended for AL electrolytic capacitors is 50 µF.
Ceramic capacitors can also be used, a value in the range of 10 µF with X5R or better would be an ideal choice.
The input capacitance can be reduced if the LP2998 is placed close to the bulk capacitance from the output of
the 2.5 V DC-DC converter. If the two supply rails (AVIN and PVIN) are separated then the 47 uF capacitor
should be placed as close to possible to the PVIN rail. An additional 0.1 uF ceramic capacitor can be placed on
the AVIN rail to prevent excessive noise from coupling into the device.
11 Layout
11.1 Layout Guidelines
1. The input capacitor for the power rail should be placed as close as possible to the PVIN pin.
2. VSENSE should be connected to the VTT termination bus at the point where regulation is required. For
motherboard applications an ideal location would be at the center of the termination bus.
3. VDDQ can be connected remotely to the VDDQ rail input at either the DIMM or the Chipset. This provides the
most accurate point for creating the reference voltage.
4. For improved thermal performance excessive top side copper should be used to dissipate heat from the
package. Numerous vias from the ground connection to the internal ground plane will help. Additionally these
can be located underneath the package if manufacturing standards permit.
5. Care should be taken when routing the VSENSE trace to avoid noise pickup from switching I/O signals. A 0.1
µF ceramic capacitor located close to the SENSE can also be used to filter any unwanted high frequency
signal. This can be an issue especially if long SENSE traces are used.
6. VREF should be bypassed with a 0.01 µF or 0.1 µF ceramic capacitor for improved performance. This
capacitor should be located as close as possible to the VREF pin.
20
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
Product Folder Links: LP2998 LP2998-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com