Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2998MA/NOPB.A Datasheet(PDF) 26 Page - Texas Instruments

Part # LP2998MA/NOPB.A
Description  LP2998/LP2998-Q1 DDR Termination Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2998MA/NOPB.A Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP2998MA/NOPB.A Datasheet HTML 22Page - Texas Instruments LP2998MA/NOPB.A Datasheet HTML 23Page - Texas Instruments LP2998MA/NOPB.A Datasheet HTML 24Page - Texas Instruments LP2998MA/NOPB.A Datasheet HTML 25Page - Texas Instruments LP2998MA/NOPB.A Datasheet HTML 26Page - Texas Instruments LP2998MA/NOPB.A Datasheet HTML 27Page - Texas Instruments LP2998MA/NOPB.A Datasheet HTML 28Page - Texas Instruments LP2998MA/NOPB.A Datasheet HTML 29Page - Texas Instruments LP2998MA/NOPB.A Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
31-Jul-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP2998MAE/NOPB
SOIC
D
8
250
178.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LP2998MAX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LP2998MRE/NOPB
SO
PowerPAD
DDA
8
250
330.0
12.5
6.4
5.2
2.1
8.0
12.0
Q1
LP2998MRE/NOPB
SO
PowerPAD
DDA
8
250
177.8
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LP2998MRX/NOPB
SO
PowerPAD
DDA
8
2500
330.0
12.5
6.4
5.2
2.1
8.0
12.0
Q1
LP2998MRX/NOPB
SO
PowerPAD
DDA
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LP2998MRX/NOPBG4
SO
PowerPAD
DDA
8
2500
330.0
12.5
6.4
5.2
2.1
8.0
12.0
Q1
LP2998QMRE/NOPB
SO
PowerPAD
DDA
8
250
330.0
12.5
6.4
5.2
2.1
8.0
12.0
Q1
LP2998QMRE/NOPB
SO
PowerPAD
DDA
8
250
177.8
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LP2998QMRX/NOPB
SO
PowerPAD
DDA
8
2500
330.0
12.5
6.4
5.2
2.1
8.0
12.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com