Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5907 Datasheet(PDF) 17 Page - Texas Instruments

Part # LP5907
Description  LP5907 250mA, Low-Noise, Low-IQ LDO
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5907 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 13Page - Texas Instruments LP5907 Datasheet HTML 14Page - Texas Instruments LP5907 Datasheet HTML 15Page - Texas Instruments LP5907 Datasheet HTML 16Page - Texas Instruments LP5907 Datasheet HTML 17Page - Texas Instruments LP5907 Datasheet HTML 18Page - Texas Instruments LP5907 Datasheet HTML 19Page - Texas Instruments LP5907 Datasheet HTML 20Page - Texas Instruments LP5907 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
7.4 Layout
7.4.1 Layout Guidelines
The dynamic performance of the LP5907 is dependent on the layout of the PCB. PCB layout practices that are
adequate for typical LDOs can degrade the PSRR, noise, or transient performance of the LP5907.
Best performance is achieved by placing CIN and COUT on the same side of the PCB as the LP5907, and as
close to the package as practical. The ground connections for CIN and COUT must route back to the LP5907
ground pin using as wide and short of a copper trace as practical.
Connections using long trace lengths, narrow trace widths, and connections through vias must be avoided.
These connections add parasitic inductances and resistance that results in inferior performance, especially
during transient conditions.
7.4.1.1 X2SON Mounting
The X2SON package thermal pad must be soldered to the printed circuit board for proper thermal and
mechanical performance. For more information, see the QFN/SON PCB Attachment application note.
7.4.1.2 DSBGA Mounting
The DSBGA package requires specific mounting techniques, which are detailed in AN-1112 DSBGA Wafer Level
Chip Scale Package application note. For best results during assembly, alignment ordinals on the PC board can
be used to facilitate placement of the DSBGA device.
7.4.1.3 DSBGA Light Sensitivity
Exposing the DSBGA device to direct light can cause incorrect operation of the device. Light sources such
as halogen lamps can affect electrical performance if these sources are situated in proximity to the device.
Light with wavelengths in the red and infrared part of the spectrum have the most detrimental effect; thus, the
fluorescent lighting used inside most buildings has very little effect on performance.
7.4.2 Layout Examples
IN
GND
EN
OUT
N/C
CIN
COUT
1
2
3
4
5
VIN
GND
Enable
VOUT
GND
Figure 7-4. SOT-23 Typical Layout
www.ti.com
LP5907
SNVS798Q – APRIL 2012 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LP5907



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com