Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5907 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP5907
Description  LP5907 250mA, Low-Noise, Low-IQ LDO
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5907 Datasheet(HTML) 3 Page - Texas Instruments

  LP5907 Datasheet HTML 1Page - Texas Instruments LP5907 Datasheet HTML 2Page - Texas Instruments LP5907 Datasheet HTML 3Page - Texas Instruments LP5907 Datasheet HTML 4Page - Texas Instruments LP5907 Datasheet HTML 5Page - Texas Instruments LP5907 Datasheet HTML 6Page - Texas Instruments LP5907 Datasheet HTML 7Page - Texas Instruments LP5907 Datasheet HTML 8Page - Texas Instruments LP5907 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
4 Pin Configuration and Functions
B2
B1
A2
A1
OUT
GND
IN
EN
B2
B1
A2
A1
OUT
GND
IN
EN
TOP VIEW
BOTTOM VIEW
Figure 4-1. YKE, YKG, YKM, and YCR Packages, 4-Pin DSBGA
Table 4-1. Pin Functions: DSBGA
PIN
TYPE
DESCRIPTION
DSBGA
NAME
A1
IN
I
Input voltage supply. Connect a 1µF capacitor at this input.
A2
OUT
O
Regulated output voltage. Connect a minimum 1µF low-ESR capacitor to this pin. Connect
this output to the load circuit. An internal 230Ω (typical) pulldown resistor prevents a charge
remaining on VOUT when the regulator is in the shutdown mode (VEN low).
B1
EN
I
Enable input. A low voltage (< VIL) on this pin turns the regulator off and discharges the
output pin to GND through an internal 230Ω pulldown resistor. A high voltage (> VIH) on this
pin enables the regulator output. This pin has an internal 1MΩ pulldown resistor to hold the
regulator off by default.
B2
GND
—
Common ground
OUT
1
2
3
4
GND
IN
EN
5
Figure 4-2. DQN Package, 4-Pin X2SON
(Bottom View)
N/C
1
2
3
5
4
EN
GND
IN
OUT
Figure 4-3. DBV Package, 5-Pin SOT-23
(Top View)
Table 4-2. Pin Functions: X2SON, SOT-23
PIN
TYPE
DESCRIPTION
NAME
X2SON
SOT-23
EN
3
3
I
Enable input. A low voltage (< VIL) on this pin turns the regulator off and
discharges the output pin to GND through an internal 230Ω pulldown resistor.
A high voltage (> VIH) on this pin enables the regulator output. This pin has an
internal 1MΩ pulldown resistor to hold the regulator off by default.
GND
2
2
—
Common ground.
IN
4
1
I
Input voltage supply. Connect a 1µF capacitor at this input.
N/C
—
4
—
No internal electrical connection.
OUT
1
5
O
Regulated output voltage. Connect a minimum 1µF low-ESR capacitor to this
pin. Connect this output to the load circuit. An internal 230Ω (typical) pulldown
resistor prevents a charge remaining on VOUT when the regulator is in shutdown
mode (VEN low).
Thermal Pad
5
—
—
Thermal pad for the X2SON package, connect to GND or leave floating. Do not
connect to any potential other than GND.
www.ti.com
LP5907
SNVS798Q – APRIL 2012 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LP5907



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com