Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAP-S Datasheet(PDF) 2 Page - FCL COMPONENTS LIMITED

Part # PCAP-S
Description  FCL Components 3rd Party Projected Capacitive Touch Panels
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED

PCAP-S Datasheet(HTML) 2 Page - FCL COMPONENTS LIMITED

  PCAP-S Datasheet HTML 1Page - FCL COMPONENTS LIMITED PCAP-S Datasheet HTML 2Page - FCL COMPONENTS LIMITED PCAP-S Datasheet HTML 3Page - FCL COMPONENTS LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Data Sheet FCL Components Touch Panel 3rd Party Projected Capacitive Touch Panels
Page 2 of 3
■ Interfaces
Pin order
USB signal type
A
B
C
D
Pin 01
VDD
GND
GND
VDD
Pin 02
D-
D-
RST
D+
Pin 03
D+
D+
VDD
D-
Pin 04
GND
VDD
D-
INT
Pin 05
RST
NC
D+
RST
Pin 06
INT
RST
NC
GND
Our COF FPC has a 1mm pitch design, except 7” panel which is 0.5mm.
■ Flex Tail Detail (example)
■ Specifications
Please contact our sales office for specification drawings.
■ Part Numbers
Diagonal
(inches)
Part numbers
Glass thick-
ness
(mm)
Tail (Flex)
length (mm)
Transparent
area (mm)
Sensor active
area (mm)
USB signal
type
31.5
T010-3101-T323
1.8
82.8
701.40 x 395.85
702.40 x 396.58
--*1
27.0
T010-3101-T621
1.8
68.0
617.01 x 358.01
599.89x 338.31
--*2
23.8
T010-3101-T611
1.8
69.0
549.01 x 319.01
529.04 x 298.01
--*2
21.5
T010-3101-T290U
1.8
70.0
480.80 x 271.30
481.80 x 272.30
B
18.5
T010-3101-T280U
1.8
70.0
410.80 x 231.40
411.80 x 232.40
B
15.6
T010-3201-T661U
1.8
70.0
345.16 x 194.59
346.16 x 195.59
D
15.6
T010-3201-T663U
1.8
70.0
345.16 x 194.59
346.16 x 195.59
B
15
T010-3201-T651U
1.8
70.0
309.20 x 234.23
310.20 x 235.23
B
12.1
T010-3201-T580U
1.8
69.8
256.92 x 165.20
248.50 x 187.00
B
12.1
T010-3201-T582U
1.8
69.8
256.92 x 165.20
248.50 x 187.00
B
12.1W
T010-3201-T560U
1.1
100.0
247.50 x 186.00
257.92 x 166.20
D
12.1W
T010-3202-T290U
1.1
100.0
247.50 x 186.00
257.92 x 166.20
B
10.4
T010-3201-T592U
1.1
70.0
213.20 x 160.40
214.20 x 161.40
B
10.1
T010-3201-T513U
1.1
72.0
218.00 x 136.60
219.64 x 138.14
C
10.1
T010-3202-T100U
1.1
55.3
218.00 x 136.60
218.96 x 137.60
B
7
T010-3301-T207U
1.1
63.0
153.85 x 92.87
154.30 x 93.37
A
*1: Controller board: EXC31C4588SCCG additionally required.
*2: Controller board: EXC84H5680STAG additionally required.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com