Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAP-S Datasheet(PDF) 1 Page - FCL COMPONENTS LIMITED

Part # PCAP-S
Description  FCL Components 3rd Party Projected Capacitive Touch Panels
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED

PCAP-S Datasheet(HTML) 1 Page - FCL COMPONENTS LIMITED

  PCAP-S Datasheet HTML 1Page - FCL COMPONENTS LIMITED PCAP-S Datasheet HTML 2Page - FCL COMPONENTS LIMITED PCAP-S Datasheet HTML 3Page - FCL COMPONENTS LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Sheet FCL Components Touch Panel 3rd Party Projected Capacitive Touch Panels
FCL Components
3rd Party Touch Panels
PCAP-S series
FCL Components 3rd Party Projected Capacitive Touch Panels
Page 1 of 3
Overview
The projected capacitive touch panels (PCAP-S series) feature
a film sensor with a top cover glass and are available in sizes
from 7”W to 31.5”. Basic features are 85% Transmissivity with
1% Haze, 2-finger gesture operation (10-finger detection), and
Operating Life of 10 Million touches. A Chip-on-Film (COF)
controller IC with USB Interface is standard, with a 1mm pitch
FFC connection.
This series is suitable for a wide variety of applications
including industrial, Instrumentation and medical products.
While the standard sizes shown fit many applications, the
cover glass is often required to be customized to meet product
design requirements, so we offer cover glass customization, as
well as full custom sizing design service.
The PCAP-S series is manufactured by Transtouch
Technology, Inc., a FCL Components partner company.
Standard Features
■ Glass-Film-Film structure
■ Chip-on-Film (CoF) Flex Tail
■ Major OS driver support
■ Standard interface: USB
■ Standard glass finish: Clear (glossy)
■ RoHS compliant
Optional Features
■ Custom Cover Glass
■ Flex only optional
■ Graphic Border / Log
■ Strengthend Glas
■ Anti-Glare (AG) & Anti-Smudge (AS)
■ Controller IC upgrade
■ Full Custom Designs availab
■ Active Pen support available


Similar Part No. - PCAP-S

ManufacturerPart #DatasheetDescription
logo
Sciosense B.V.
PCAP01 SCIOSENSE-PCAP01 Datasheet
2Mb / 96P
Single-chip Solution for Capacitance Measurement with Standard Firmware 03.01.02
July 15th , 2013
PCAP02 SCIOSENSE-PCAP02 Datasheet
316Kb / 3P
ICs for Capacitive Sensing Applications
PCAP04 SCIOSENSE-PCAP04 Datasheet
1Mb / 3P
PCAP04 – Analog Frontend for Capacitive Sensor Elements
More results

Similar Description - PCAP-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EXC7200 ETC-EXC7200 Datasheet
359Kb / 11P
Projected Capacitive Touch Screen Controller Board EXC7200 series User?셲 Guide
logo
Axiomtek Co., Ltd.
GOT3187W-111-PCT AXIOMTEK-GOT3187W-111-PCT Datasheet
504Kb / 2P
Multi-Touch 18.5 projected capacitive
logo
Microchip Technology
MTCH6301 MICROCHIP-MTCH6301_14 Datasheet
1Mb / 40P
MTCH6301 Projected Capacitive Touch Controller
03/13/14
MTCH6102 MICROCHIP-MTCH6102 Datasheet
1Mb / 45P
MTCH6102 Low-Power Projected Capacitive Touch Controller
03/25/14
logo
Axiomtek Co., Ltd.
GOT3217W-845-PCT AXIOMTEK-GOT3217W-845-PCT Datasheet
504Kb / 2P
21.5" FHD WXGA 10-point multi-touch projected capacitive wide screen
logo
Vecow Co., Ltd.
MTC-6019-POER VECOW-MTC-6019-POER Datasheet
408Kb / 2P
Projected Capacitive Multi-touch Screen with 7H anti-scratch surface, up to 10-point Multi-touch
MTD-4024C VECOW-MTD-4024C Datasheet
370Kb / 2P
24??Multi-Touch 16:9 Full HD Projected Capacitive Display, optional IP65 Waterproof
MTC-4015-2R VECOW-MTC-4015-2R Datasheet
491Kb / 2P
Projected Capacitive Multi-Touch Screen with 7H Anti-Scratch Surface, up to 20-point Multi-touch
MTC-4021-2G VECOW-MTC-4021-2G Datasheet
366Kb / 2P
Projected Capacitive 10-point Multi-Touch Screen with 7H Anti-Scratch Surface
logo
STMicroelectronics
FTG2-SLP STMICROELECTRONICS-FTG2-SLP Datasheet
763Kb / 5P
Capacitive Multi-Touch Screen Controller for Thin Flexible Panels and LTPO Panels
May 2022 Rev 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com