Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDAXXL Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDAXXL
Description  DUAL TRANSIL ARRAY FOR ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAXXL Datasheet(HTML) 1 Page - STMicroelectronics

  ESDAXXL Datasheet HTML 1Page - STMicroelectronics ESDAXXL Datasheet HTML 2Page - STMicroelectronics ESDAXXL Datasheet HTML 3Page - STMicroelectronics ESDAXXL Datasheet HTML 4Page - STMicroelectronics ESDAXXL Datasheet HTML 5Page - STMicroelectronics ESDAXXL Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
ESDAxxL
®
Marchr 2000 - Ed: 4A
DUAL TRANSIL ARRAY
FOR ESD PROTECTION
SOT23
Where transient overvoltage protection in ESD
sensitive equipment is required, such as :
- COMPUTERS
- PRINTERS
- COMMUNICATION SYSTEMS
It is particulary recommended for the RS232 I/O
port protection where the line interface withstands
only with 2kV ESD surges.
APPLICATIONS
Application Specific Discretes
A.S.D.
FUNCTIONAL DIAGRAM
n
2 UNIDIRECTIONAL TRANSIL FUNCTIONS.
n
LOW LEAKAGE CURRENT : IR max. < 20
µAat
VBR.
n
300 W PEAK PULSE POWER (8/20
µs)
FEATURES
DESCRIPTION
The ESDAxxL is a dual monolithic voltage
suppressor designed to protect components which
are connected to data and transmission lines
against ESD.
It clamps the voltage just above the logic level
supply for positive transients, and to a diode drop
below ground for negative transients.
It can also work as bidirectionnal suppressor by
connecting only pin1 and 2.
BENEFITS
High ESD protection level : up to 25 kV.
High integration.
Suitable for high density boards.
IEC61000-4-2 level 4
MIL STD 883C-Method 3015-6 : class 3.
(human body model)
COMPLIES WITH THE FOLLOWING STANDARDS :


Similar Part No. - ESDAXXL

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
ESDAXXL SEMITECH-ESDAXXL Datasheet
213Kb / 4P
2 Unidirectional Transil functions
More results

Similar Description - ESDAXXL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDA17 STMICROELECTRONICS-ESDA17 Datasheet
40Kb / 5P
TRANSIL??ARRAY FOR ESD PROTECTION
Nov-2002
ESDAXXXP6 STMICROELECTRONICS-ESDAXXXP6 Datasheet
112Kb / 8P
Transil??array for ESD protection
26-Jun-2006
logo
Leshan Radio Company
LESDAXXXLT1G LRC-LESDAXXXLT1G Datasheet
619Kb / 7P
Dual transil array for ESD protection
LESDA25VLT1G LRC-LESDA25VLT1G Datasheet
729Kb / 7P
Dual transil array for ESD protection
logo
STMicroelectronics
ESDA25LY STMICROELECTRONICS-ESDA25LY Datasheet
95Kb / 10P
Automotive dual Transil array for ESD protection
01-Feb-2010
logo
Leshan Radio Company
LESD6V8T1G LRC-LESD6V8T1G Datasheet
481Kb / 3P
Dual transil array for ESD protection
logo
STMicroelectronics
ESDALY STMICROELECTRONICS-ESDALY Datasheet
205Kb / 10P
Automotive dual Transil array for ESD protection
16-Feb-2012
ESDAL STMICROELECTRONICS-ESDAL Datasheet
201Kb / 11P
Dual Transil??array for ESD protection
July 2017 Rev 5
ESDA37W STMICROELECTRONICS-ESDA37W Datasheet
218Kb / 10P
Dual Transil™ array for ESD protection
18-Dec-2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com