Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALY Datasheet (PDF) - STMicroelectronics

ESDALY Datasheet PDF - STMicroelectronics
Part # ESDALY
Download  ESDALY Download
File Size   205.43 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive dual Transil array for ESD protection

ESDALY Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDALY Datasheet PDF - STMicroelectronics

Part # ESDALY
Download  ESDALY Click to download

File Size   205.43 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive dual Transil array for ESD protection

ESDALY Datasheet (HTML) - STMicroelectronics


ESDALY Product details

Description
This device is a diode array designed to protect 1 line or 2 lines against ESD transients.
The device is ideal for applications where both reduced line capacitance and board space saving are required
It can also be used as bidirectional suppressor by connecting only pin 1 and 2.

Features
• AEC-Q101 qualified
• Dual unidirectional Transil functions
• Low leakage current: IR max. < 20 µA at VBR
• 300 W peak pulse power (8/20 µs)

Benefits
• High ESD protection level: up to 25 kV
• High integration
• Suitable for high density boards
• AEC-Q101 qualified

Applications
Where transient overvoltage protection in ESD sensitive equipment is required, such as:
• Entertainment
• Signal communications
• Connectivity
• Comfort and convenience




Similar Part No. - ESDALY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALY STMICROELECTRONICS-ESDALY_V01 Datasheet
342Kb / 12P
Automotive dual Transil™ array for ESD protection
20-Jul-2017
More results


Similar Description - ESDALY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDAXXL STMICROELECTRONICS-ESDAXXL Datasheet
60Kb / 6P
DUAL TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
ESDA17 STMICROELECTRONICS-ESDA17 Datasheet
40Kb / 5P
TRANSIL??ARRAY FOR ESD PROTECTION
Nov-2002
logo
Leshan Radio Company
LESDAXXXLT1G LRC-LESDAXXXLT1G Datasheet
619Kb / 7P
Dual transil array for ESD protection
LESDA25VLT1G LRC-LESDA25VLT1G Datasheet
729Kb / 7P
Dual transil array for ESD protection
logo
STMicroelectronics
ESDA25LY STMICROELECTRONICS-ESDA25LY Datasheet
95Kb / 10P
Automotive dual Transil array for ESD protection
01-Feb-2010
logo
Leshan Radio Company
LESD6V8T1G LRC-LESD6V8T1G Datasheet
481Kb / 3P
Dual transil array for ESD protection
logo
STMicroelectronics
ESDASCY STMICROELECTRONICS-ESDASCY Datasheet
235Kb / 12P
Automotive quad Transil™ array for ESD protection
September 2012 Rev 1
ESDAL STMICROELECTRONICS-ESDAL Datasheet
201Kb / 11P
Dual Transil??array for ESD protection
July 2017 Rev 5
ESDALY STMICROELECTRONICS-ESDALY_V01 Datasheet
342Kb / 12P
Automotive dual Transil™ array for ESD protection
20-Jul-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com