Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALY Datasheet(PDF) 7 Page - STMicroelectronics

Part # ESDALY
Description  Automotive dual Transil array for ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALY Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ESDALY Datasheet HTML 2Page - STMicroelectronics ESDALY Datasheet HTML 3Page - STMicroelectronics ESDALY Datasheet HTML 4Page - STMicroelectronics ESDALY Datasheet HTML 5Page - STMicroelectronics ESDALY Datasheet HTML 6Page - STMicroelectronics ESDALY Datasheet HTML 7Page - STMicroelectronics ESDALY Datasheet HTML 8Page - STMicroelectronics ESDALY Datasheet HTML 9Page - STMicroelectronics ESDALY Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ESDALY
Recommendation on PCB assembly
Doc ID 022075 Rev 1
7/10
Figure 13.
Tape and reel specifications
5
Recommendation on PCB assembly
5.1
Solder paste
1.
Halide-free flux qualification ROL0 according to ANSI/J-STD-004.
2.
“No clean” solder paste is recommended.
3.
Offers a high tack force to resist component movement during high speed.
4.
Solder paste with fine particles: powder particle size is 20-45 µm.
5.2
Placement
1.
Manual positioning is not recommended.
2.
It is recommended to use the lead recognition capabilities of the placement system, not
the outline centering.
3.
Standard tolerance of ± 0.05 mm is recommended.
4.
3.5 N placement force is recommended. Too much placement force can lead to
squeezed out solder paste and cause solder joints to short. Too low placement force
can lead to insufficient contact between package and solder paste that could cause
open solder joints or badly centered packages.
5.
To improve the package placement accuracy, a bottom side optical control should be
performed with a high resolution tool.
6.
For assembly, a perfect supporting of the PCB (all the more on flexible PCB) is
recommended during solder paste printing, pick and place and reflow soldering by
using optimized tools.
User direction of unreeling
All dimensions are typical values in mm
4.0
4.0
2.0
Ø 1.55
1.24
3.1
0.21



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com