Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALY Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDALY
Description  Automotive dual Transil array for ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALY Datasheet(HTML) 4 Page - STMicroelectronics

  ESDALY Datasheet HTML 1Page - STMicroelectronics ESDALY Datasheet HTML 2Page - STMicroelectronics ESDALY Datasheet HTML 3Page - STMicroelectronics ESDALY Datasheet HTML 4Page - STMicroelectronics ESDALY Datasheet HTML 5Page - STMicroelectronics ESDALY Datasheet HTML 6Page - STMicroelectronics ESDALY Datasheet HTML 7Page - STMicroelectronics ESDALY Datasheet HTML 8Page - STMicroelectronics ESDALY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
ESDALY
4/10
Doc ID 022075 Rev 1
Note:
ISO7637-2 pulse responses are not applicable for products with a breakdown voltage lower
than the average battery voltage (13.5 V) like ESDA5V3LY and ESDA6V1LY.
Figure 7.
ISO 7637-2 pulse 1 response
(VS = -100 V)
Figure 8.
ISO 7637-2 pulse 2a response
(VS = 50 V)
Figure 9.
ISO 7637-2 pulse 3a response
(VS = -150 V)
Figure 10.
ISO 7637-2 pulse 3b response
(VS = 100 V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com