Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALY Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDALY
Description  Automotive dual Transil array for ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALY Datasheet(HTML) 3 Page - STMicroelectronics

  ESDALY Datasheet HTML 1Page - STMicroelectronics ESDALY Datasheet HTML 2Page - STMicroelectronics ESDALY Datasheet HTML 3Page - STMicroelectronics ESDALY Datasheet HTML 4Page - STMicroelectronics ESDALY Datasheet HTML 5Page - STMicroelectronics ESDALY Datasheet HTML 6Page - STMicroelectronics ESDALY Datasheet HTML 7Page - STMicroelectronics ESDALY Datasheet HTML 8Page - STMicroelectronics ESDALY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ESDALY
Characteristics
Doc ID 022075 Rev 1
3/10
Table 2.
Electrical characteristics (values, Tamb = 25 °C)
Order code
VBR @ IR
IRM @ VRM
VCL@IPP
(1)
VF@ IF
Rd
(2)
αT(3)
Cline
Min.
Max.
Max.
Max.
Max.
Typ.
Max.
Typ.
V
V
mA
µA
V
V
A
V
mA
m
Ω
10-4/°C
pF
ESDA5V3LY
5.3
5.9
1
2
3
19
25
1.25
200
280
5
220
ESDA6V1LY
6.1
7.2
1
20
5.2
16
18
1.25
200
350
6
140
ESDA14V2LY
14.2
15.8
1
5
12
21
14
1.25
200
650
10
90
ESDA25LY
25
30
1
1
24
43
7
1.2
10
1000
10
50
1.
8/20 µs waveform
2.
Square pulse, Ipp = 15 A, tp= 2.5 µs.
3.
Δ VBR = αT* (Tamb - 25 °C) * VBR (25 °C)
Figure 3.
Variation of peak pulse power
versus initial junction temperature
Figure 4.
Peak pulse power versus
exponential pulse duration
(typical values)
0.0
200.0
400.0
600.0
0
25
50
75
100
125
150
175
Tj(°C)
Ppp (W)
10
100
1000
10000
1
10
100
1000
Tj initial = 25 °C
tp (µs)
Ppp (W)
Figure 5.
Variation of clamping voltage
versus peak pulse current (max.
values, 8/20 µs waveform)
Figure 6.
Relative variation of leakage
current versus junction
temperature (typical values)
0.1
1.0
10.0
100.0
0
4
8
12
16
20
24
28
32
36
40
44
8/20µs
Tj initial = 25 °C
ESDA5V3LY
ESDA6V1LY
ESDA14V2LY
ESDA25LY
Ipp (A)
VCL (V)
0.0
0.1
1.0
10.0
100.0
1000.0
10000.0
25
50
75
100
125
150
ESDA5V3LY (VR=VRM=3V)
ESDA6V1LY (VR=VRM=5.2V)
ESDA14V2LY (VR=VRM=12V)
ESDA25LY (VR=VRM=24V)
Tj(°C)
IR (nA)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com