Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2L60 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPS2L60
Description  60 V, 2 A low drop power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L60 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPS2L60_V01 Datasheet HTML 7Page - STMicroelectronics STPS2L60_V01 Datasheet HTML 8Page - STMicroelectronics STPS2L60_V01 Datasheet HTML 9Page - STMicroelectronics STPS2L60_V01 Datasheet HTML 10Page - STMicroelectronics STPS2L60_V01 Datasheet HTML 11Page - STMicroelectronics STPS2L60_V01 Datasheet HTML 12Page - STMicroelectronics STPS2L60_V01 Datasheet HTML 13Page - STMicroelectronics STPS2L60_V01 Datasheet HTML 14Page - STMicroelectronics STPS2L60_V01 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
2.4
DO-41 Package information
•
Epoxy meets UL 94, V0
Figure 21. DO-41 package outline
ØB
ØD
A
C
C
Table 7. DO-41 package mechanical data
Ref.
Dimensions
Millimeters
Inches (for reference only)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.1
-
5.20
0.160
-
0.205
B
2.00
-
2.71
0.080
-
0.107
C
25.40
-
1.000
-
D
0.71
-
0.86
0.028
-
0.0034
STPS2L60
DO-41 package information
DS2976 - Rev 8
page 12/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com