Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2L60 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STPS2L60
Description  60 V, 2 A low drop power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L60 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STPS2L60_V01 Datasheet HTML 7Page - STMicroelectronics STPS2L60_V01 Datasheet HTML 8Page - STMicroelectronics STPS2L60_V01 Datasheet HTML 9Page - STMicroelectronics STPS2L60_V01 Datasheet HTML 10Page - STMicroelectronics STPS2L60_V01 Datasheet HTML 11Page - STMicroelectronics STPS2L60_V01 Datasheet HTML 12Page - STMicroelectronics STPS2L60_V01 Datasheet HTML 13Page - STMicroelectronics STPS2L60_V01 Datasheet HTML 14Page - STMicroelectronics STPS2L60_V01 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Revision history
Table 9. Document revision history
Date
Version
Changes
Jul-2003
2A
Last update.
Aug-2004
3
SMA package dimensions update. Reference A1 max changed from 2.70 mm
(0.106 inch) to 2.03 mm (0.080 inch).SMA package dimensions update.
Reference A1 max changed from 2.70 mm (0.106 inch) to 2.03 mm (0.080
inch).
18-Sep-2008
4
Reformatted to current standards. Added SMB flat package.
30-Sep-2009
5
Updated table 7 package dimensions.
23-Sep-2011
6
Updated SMA package information.
30-Nov-2018
7
Updated Table 1. Absolute ratings (limiting values, at 25 °C, unless otherwise
specified) and Figure 4. Normalized avalanche power derating versus pulse
duration (Tj = 125 °C).
27-Sep-2019
8
Added Section 2.2 SMA Flat Notch package information.
STPS2L60
DS2976 - Rev 8
page 14/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com