Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L60S Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS3L60S
Description  60 V power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L60S Datasheet(HTML) 4 Page - STMicroelectronics

  STPS3L60S Datasheet HTML 1Page - STMicroelectronics STPS3L60S Datasheet HTML 2Page - STMicroelectronics STPS3L60S Datasheet HTML 3Page - STMicroelectronics STPS3L60S Datasheet HTML 4Page - STMicroelectronics STPS3L60S Datasheet HTML 5Page - STMicroelectronics STPS3L60S Datasheet HTML 6Page - STMicroelectronics STPS3L60S Datasheet HTML 7Page - STMicroelectronics STPS3L60S Datasheet HTML 8Page - STMicroelectronics STPS3L60S Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Figure 5. Reverse leakage current versus reverse voltage
applied (typical values)
0
5
10
15
20
25
30
35
40
45
50
55
60
1E -3
1E -2
1E -1
1E +0
1E +1
5E +1
=25°C
=75°C
=100°C
=125°C
Tj =150°C
=50°C
IR(mA)
VR(V)
Tj
Tj
Tj
Tj
Tj
Figure 6. Junction capacitance versus reverse voltage
applied (typical values)
1
10
100
10
20
50
100
200
500
C( pF)
F= 1 MHz
Tj = 25 °C
VR(V)
Figure 7. Forward voltage drop versus forward current
(low level)
0. 0
0.1
0. 2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1. 0
0. 0
0. 5
1. 0
1. 5
2. 0
2. 5
3. 0
3. 5
4. 0
4. 5
5. 0
Tj = 25°C
Tj = 125°C
Tj = 150°C
(typical values)
IF(A)
VF(V)
(Maximum values)
(Maximum values)
Figure 8. Forward voltage drop versus forward current
(high level)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
2
5
10
20
Tj = 25°C (Maximum values)
Tj = 125°C (Maximum values)
Tj = 150°C
(typical values)
IF(A)
VF(V)
Figure 9. Thermal resistance junction to ambient versus copper surface under each lead (Epoxy printed
circuit board FR4, eCu: 35 μm)
0
20
40
60
80
100
120
140
160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SCu(cm²)
Rth(j-a) (°C/W)
SMC
STPS3L60S
Characteristics (curves)
DS1596 - Rev 3
page 4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com