Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L60S Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS3L60S
Description  60 V power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L60S Datasheet(HTML) 1 Page - STMicroelectronics

  STPS3L60S Datasheet HTML 1Page - STMicroelectronics STPS3L60S Datasheet HTML 2Page - STMicroelectronics STPS3L60S Datasheet HTML 3Page - STMicroelectronics STPS3L60S Datasheet HTML 4Page - STMicroelectronics STPS3L60S Datasheet HTML 5Page - STMicroelectronics STPS3L60S Datasheet HTML 6Page - STMicroelectronics STPS3L60S Datasheet HTML 7Page - STMicroelectronics STPS3L60S Datasheet HTML 8Page - STMicroelectronics STPS3L60S Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
•
Negligible switching losses
•
Low thermal resistance
•
Avalanche capability
•
Low forward voltage drop
•
ECOPACK®2 compliant
Applications
•
Set-top box
•
Battery charger
•
DC/DC converter
•
Telecom power
•
Switching diode
Description
Schottky rectifier suited for SMPS and high frequency DC to DC converters.
Packaged in SMC, the STPS3L60S is intended for use in DC/DC battery chargers,
lighting applications, telecom converters.
Product status link
STPS3L60S
Product summary
IF(AV)
3 A
VRRM
60 V
Tj (max.)
150 °C
VF (typ.)
0.56 V
60 V power Schottky rectifier
STPS3L60S
Datasheet
DS1596 - Rev 3 - November 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS3L60S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3L60S STMICROELECTRONICS-STPS3L60S Datasheet
55Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-1999
STPS3L60SY STMICROELECTRONICS-STPS3L60SY Datasheet
87Kb / 7P
Automotive power Schottky rectifier
15-Sep-2011
More results

Similar Description - STPS3L60S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS40M60CT STMICROELECTRONICS-STPS40M60CT Datasheet
131Kb / 10P
High efficiency 60 V power Schottky rectifier
11-May-2011
STPS660CSFY STMICROELECTRONICS-STPS660CSFY Datasheet
319Kb / 9P
Automotive 60 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STPS560SFY STMICROELECTRONICS-STPS560SFY Datasheet
474Kb / 11P
Automotive 60 V, 5 A power Schottky rectifier
February 2019 Rev 1
STPS5L60SFY STMICROELECTRONICS-STPS5L60SFY Datasheet
474Kb / 11P
Automotive 60 V low VF power Schottky rectifier
14-Aug-2018
STPS5L60SF STMICROELECTRONICS-STPS5L60SF Datasheet
323Kb / 9P
60 V power Schottky rectifier
July 2018 Rev 1
STPS10H60SF STMICROELECTRONICS-STPS10H60SF Datasheet
326Kb / 10P
60 V power Schottky rectifier
07-Nov-2018
STPS10H60SFY STMICROELECTRONICS-STPS10H60SFY Datasheet
473Kb / 11P
Automotive 60 V low Ir power Schottky rectifier
06-Aug-2018
STPS10M60SF STMICROELECTRONICS-STPS10M60SF Datasheet
324Kb / 9P
60 V power Schottky rectifier
DS12677 - Rev 1 - July 2018
logo
Nexperia B.V. All right...
PMEG6030EVP-Q NEXPERIA-PMEG6030EVP-Q Datasheet
259Kb / 13P
60 V, 3 A Schottky barrier rectifier
20 February 2023
PMEG6030EVP NEXPERIA-PMEG6030EVP Datasheet
260Kb / 13P
60 V, 3 A Schottky barrier rectifier
20 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com