Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EHP-A09 Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # EHP-A09
Description  High Power LED - 0.5W
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EHP-A09 Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button EHP-A09 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EHP-A09 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EHP-A09 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EHP-A09 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EHP-A09 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EHP-A09 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EHP-A09 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EHP-A09 Datasheet HTML 9Page - Everlight Electronics Co., Ltd EHP-A09 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
EHP-A09/SUR31-PU5/TR
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1.0
Page: 8/10
Device No. : DSE-A09-002
Prepared date: Nov. 27, 2007
Prepared by: Terry Hsu
Reliability Test Items
Stress Test
Stress Condition
Stress Duration
Reflow
Tsol=260°C, 10sec, 6min(total)
2 times
DC Operating Life
Ta=25°C , IF=150mA
1000 hours
High Temperature Storage
Ta=100°C
1000 hours
High Temperature Operation Life #1
Ta=55°C, IF=150mA
1000 hours
High Temperature Operation Life #2
Ta=85
, IF=120mA
1000hours
Low Temperature Storage
Ta=-40°C
1000 hours
High Temperature/
Humidity Reverse Bias
Ta=85
, RH=85%
1000hours
High Temperature/
Humidity Operation Life
Ta=85°C , RH=60%, IF=120mA
1000 hours
Temperature Cycle
H
100°C
15min.
'œ 5min.
'L
40°C
15min.
300 Cycles
Power Temperature Cycle
H
85°C
15min.
'œ 5min.
'L
40°C
15min.
1000 Cycles
Thermal
Shock
H
110°C
5min.
'œ 10sec.
'L
40°C
5min.
300 Cycles
Pulse Test
Ta=25
, IF=1000mA
30mS on/ 2500mS off
30000 times
ESD Human Body Model
2000V, Interval:0.5sec
3 times
ESD Machine Model
200V, Interval:0.5sec
3 times
*lm: Brightness attenuate difference(1000hrs)
50%
*VF: Forward voltage difference
20%
Notes: All reliability items are tested under superior thermal management with 1.5 x 1.5 cm
2 MCPCB.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com