Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EHP-A09 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # EHP-A09
Description  High Power LED - 0.5W
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EHP-A09 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  EHP-A09 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EHP-A09 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EHP-A09 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EHP-A09 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EHP-A09 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EHP-A09 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EHP-A09 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EHP-A09 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EHP-A09 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
High Power LED – 0.5W
EHP-A09/SUR31-PU5/TR
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1.0
Page: 1/10
Device No. : DSE-A09-002
Prepared date: Nov. 27, 2007
Prepared by: Terry Hsu
Features
z Feature of the device: small package with high efficiency
z Typical view angle: 120°
z ESD protection.
z Soldering methods: SMT
z Grouping parameter: luminous Intensity, wavelength, forward voltage.
z Typical optical efficiency: 36 lm/W.
z Thermal resistance (junction to sink): 65 K/W
z The product itself will remain within RoHS compliant version.
Applications
z
Interior and exterior automotive lighting (e.g. turn light and brake lights)
z
Indoor and outdoor commercial and residential architectural
illumination
z
Alert lighting and signal
z
Portable light source
z
Marker lights (e.g. steps, exit ways, etc.)
Materials
Items
Description
Reflector
Heat resistant polymer
Encapsulating Resin
Colorless clear resin
Electrodes
Ag plating
Die attach
Silver paste
Chip
AlGaInP


Similar Part No. - EHP-A09

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A09-SUG31-PU5-TR EVERLIGHT-EHP-A09-SUG31-PU5-TR Datasheet
230Kb / 10P
High Power LED - 0.5W
Sept. 06, 2007
EHP-A09-SUR31-PU5-TR EVERLIGHT-EHP-A09-SUR31-PU5-TR Datasheet
171Kb / 10P
High Power LED - 0.5W
Nov. 27, 2007
EHP-A09-USO31-PU5-TR EVERLIGHT-EHP-A09-USO31-PU5-TR Datasheet
169Kb / 10P
High Power LED - 0.5W
Nov. 13, 2007
EHP-A09-UT31-PU5-TR EVERLIGHT-EHP-A09-UT31-PU5-TR Datasheet
239Kb / 11P
High Power LED - 0.5W
EHP-A09-UY31-PU5-TR EVERLIGHT-EHP-A09-UY31-PU5-TR Datasheet
170Kb / 10P
High Power LED - 0.5W
Nov. 23, 2007
More results

Similar Description - EHP-A09

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A09-SUG31-PU5-TR EVERLIGHT-EHP-A09-SUG31-PU5-TR Datasheet
230Kb / 10P
High Power LED - 0.5W
Sept. 06, 2007
EHP-A09-UY31-PU5-TR EVERLIGHT-EHP-A09-UY31-PU5-TR Datasheet
170Kb / 10P
High Power LED - 0.5W
Nov. 23, 2007
EHP-A09-UT31-PU5-TR EVERLIGHT-EHP-A09-UT31-PU5-TR Datasheet
239Kb / 11P
High Power LED - 0.5W
EHP-A21GT31H-PU5TR EVERLIGHT-EHP-A21GT31H-PU5TR Datasheet
270Kb / 15P
High Power LED-0.5W
EHP-A21GT46H-PU5TR EVERLIGHT-EHP-A21GT46H-PU5TR Datasheet
270Kb / 15P
High Power LED-0.5W
EHP-A21LM46H-PU5TR EVERLIGHT-EHP-A21LM46H-PU5TR Datasheet
269Kb / 15P
High Power LED-0.5W
EHP-A21SUG31H-PU5TR EVERLIGHT-EHP-A21SUG31H-PU5TR Datasheet
267Kb / 15P
High Power LED-0.5W
EHP-A21SUR31A-PU5TR EVERLIGHT-EHP-A21SUR31A-PU5TR Datasheet
266Kb / 15P
High Power LED-0.5W
logo
List of Unclassifed Man...
QBHP685-IWH ETC-QBHP685-IWH Datasheet
492Kb / 7P
0.5W High Power LED
QBHP686-IWH-WW ETC1-QBHP686-IWH-WW Datasheet
721Kb / 11P
0.5W High Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com