Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWC0805AS-RDI Datasheet(PDF) 4 Page - TT Electronics.

Part # PWC0805AS-RDI
Description  Pulse Withstanding Chip Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PWC0805AS-RDI Datasheet(HTML) 4 Page - TT Electronics.

  PWC0805AS-RDI Datasheet HTML 1Page - TT Electronics. PWC0805AS-RDI Datasheet HTML 2Page - TT Electronics. PWC0805AS-RDI Datasheet HTML 3Page - TT Electronics. PWC0805AS-RDI Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Temperature Derating Curve
125
Ambient Temperature /
°C
75
50
25
0
100
5
5
1
0
7
5
1
-
Pulse Withstanding
Chip Resistors
PWC Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Thermal Performance Data
09. 09
Welwyn Components
Application Note
PWC resistors themselves can operate at a maximum temperature of 155°C. For soldered resistors, the joint temperature should not exceed 110°C. This
condition is met when the stated power levels at 70°C and recommended pad and trace areas are used. Pad and trace area is defined as the total area of
the solder pad plus all copper trace within two squares of the edge of the solder pad. Allowance should be made if smaller areas of copper are used.
A full Application Note on the PWC Series is available.
Packaging
0603, 0805 and 1206 resistors are supplied on 8mm carrier tape and 2010 and 2512 resistors are supplied on 12mm carrier tape,
all on 7 inch reels as per IEC 286-3.
Ordering Procedure
This product has two valid part numbers:
Pulse Withstanding
Chip Resistors
PWC Series
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: PWC2512-2K0JI (2512, 2 kilohms ±5%, Pb-free)
P W C
2
5
1
2
-
2
K
0
J
I
1
2
3
4
5
6
USA (IRC) Part Number: PWC-PWC2512LF-2K00-J
(2512, 2 kilohms ±5%, Pb-free)
P W C
-
P W C
2
5
1
2
L
F
-
2
K 0
0
-
J
1
2
3
4
5
6
1
2
3
4
5
6
Type Size
Anti-Sulphur
Value
Tolerance Termination & Packing
PWC 0603 Omit for standard E24 = 3/4 characters D = ±0.5%
AS = Anti-sulphur E96 = 3/4 characters
F = ±1%
0805, 1206,
2010
3000/reel
R = ohms
J = ±5%
K = kilohms
2512
1800/reel
M = megohms
All sizes
1000/reel
1
2
3
4
5
6
Family Model
Size
Termination
Value
Tolerance
Packing
PWC
PWC
Omit for SnPb
D = ±0.5%
Plastic tape
LF = Pb-free
F = ±1%
1206, 2010
3000/reel
J = ±5%
2512
1800/reel
I = Pb-free, Standard,
PB = SnPb, Standard
T1 = Pb-free, 1K reel
E24 = 4 characters
E96 = 4 characters
R = ohms
K = kilohms
M = megohms
2512
2010
1206
0805
1206
2010
2512
0603
5000/reel
09.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com