Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWC0805AS-RDI Datasheet(PDF) 1 Page - TT Electronics.

Part # PWC0805AS-RDI
Description  Pulse Withstanding Chip Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PWC0805AS-RDI Datasheet(HTML) 1 Page - TT Electronics.

  PWC0805AS-RDI Datasheet HTML 1Page - TT Electronics. PWC0805AS-RDI Datasheet HTML 2Page - TT Electronics. PWC0805AS-RDI Datasheet HTML 3Page - TT Electronics. PWC0805AS-RDI Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Pulse Withstanding
Chip Resistors
PWC Series
Excellent pulse withstand performance
Improved working voltage
Improved power rating
Custom designs available
Anti-sulphur version available
Pulse Withstanding
Chip Resistors
PWC Series
Excellent pulse withstand performance
Improved working voltage
Improved power rating
Standard chip sizes (0805 to 2512)
Custom designs available
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
07. 08
A subsidiary of
TT electronics plc
37
Physical Data
Construction
Thick film resistor material, overglaze and organic protection
are screen printed on a 96% alumina substrate. Wrap-around
terminations have an electroplated nickel barrier and solder
coating, this ensures excellent ‘leach’ resistance properties
and solderability.
Marking
Components are not marked. Reels are marked with type,
value, tolerance, date code and quantity.
Solvent Resistance
The body protection is resistant to all normal industrial
cleaning solvents suitable for printed circuits.
Dimensions (mm) & weight (mg)
PWC0805
PWC0603
Size
Power @70°C
W
Resistance range
ohms
Tolerance
%
LEV
V
TCR
ppm/°C
Operating temperature
°C
Thermal Impedance
°C/W
Pad / trace area *
Values
0.25
150
200
400
500
1R0 to 10M
10R to 1M: 0.5, All values: 1, 5
<10R:200
≥10R:100
E24 or E96 preferred - other values to special order
See graphs – full application note available on request
-55 to +155
0.33
0.5
0.75
1.5
2
1
220
160
145
80
55
40
70
40
0.125
75
302
30
50
125
60
100
500
250
mm2
PWC1206
PWC2010
PWC2512
1206
0805
1.6±0.1
0.8±0.1
0.3±0.15
0.3±0.15
2.2
0.55
0.6
0603
2010
2512
Pulse Capability
L
W
A
C
Wt.
T max
B min
T
W
C
A
A
L
B
Wrap-around terminations
(3 faces)
*Recommended minimum pad & adjacent trace area for each termination for rated power dissipation on FR4 PCB
Welwyn Components
Note that anti-sulphur version parts below 100R are
produced in flip-chip format with the resistor element on
the underside.
2.0±0.15
1.25±0.15
0.6
0.3±0.15
0.9
0.3±0.1
4.7
3.2±0.2
1.6±0.2
0.7
0.4±0.2
1.7
0.4±0.15
8.5
5.1±0.3
2.5±0.2
0.8
0.6±0.3
3.0
0.6±0.25
36
6.5±0.3
3.2±0.2
0.8
0.6±0.3
4.4
0.6±0.25
55
Resistors
09.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)


Similar Part No. - PWC0805AS-RDI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PWC0805 ETC1-PWC0805 Datasheet
271Kb / 6P
Pulse Withstanding Chip Resistors
logo
Welwyn Components Limit...
PWC0805-10KD WELWYN-PWC0805-10KD Datasheet
465Kb / 4P
Pulse Withstanding Chip Resistors
PWC0805-10KF WELWYN-PWC0805-10KF Datasheet
465Kb / 4P
Pulse Withstanding Chip Resistors
PWC0805-10KJ WELWYN-PWC0805-10KJ Datasheet
465Kb / 4P
Pulse Withstanding Chip Resistors
More results

Similar Description - PWC0805AS-RDI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PWC2512 ETC1-PWC2512 Datasheet
271Kb / 6P
Pulse Withstanding Chip Resistors
logo
Welwyn Components Limit...
PWC WELWYN-PWC Datasheet
465Kb / 4P
Pulse Withstanding Chip Resistors
logo
IRC - a TT electronics ...
PWC-PWC0805-100R-J IRCTT-PWC-PWC0805-100R-J Datasheet
580Kb / 4P
Pulse Withstanding Chip Resistors
logo
Token Electronics Indus...
PWR05 TOKEN-PWR05 Datasheet
434Kb / 7P
PWR Pulse Withstanding Chip Resistors
logo
Welwyn Components Limit...
PWC WELWYN-PWC_13 Datasheet
868Kb / 4P
Pulse Withstanding Chip Resistors
logo
List of Unclassifed Man...
MCPWR12 ETC2-MCPWR12 Datasheet
208Kb / 7P
Pulse Withstanding Chip Resistors
logo
Riedon Powertron
PCR1206-100KJ1 RIEDON-PCR1206-100KJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR1206-470KJ1 RIEDON-PCR1206-470KJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
logo
Token Electronics Indus...
PWR TOKEN-PWR Datasheet
1Mb / 14P
Pulse Withstanding Chip Resistor
logo
WALSIN TECHNOLOGY CORPO...
WFXXQ_S WALSIN-WFXXQ_S Datasheet
1Mb / 11P
Thin Film Pulse Withstanding Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com