Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX171 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPAX171
Description  OPAx171 36V, Single-Supply, SOT-553, General-Purpose Operational Amplifiers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX171 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPAX171 Datasheet HTML 4Page - Texas Instruments OPAX171 Datasheet HTML 5Page - Texas Instruments OPAX171 Datasheet HTML 6Page - Texas Instruments OPAX171 Datasheet HTML 7Page - Texas Instruments OPAX171 Datasheet HTML 8Page - Texas Instruments OPAX171 Datasheet HTML 9Page - Texas Instruments OPAX171 Datasheet HTML 10Page - Texas Instruments OPAX171 Datasheet HTML 11Page - Texas Instruments OPAX171 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
5.7 Electrical Characteristics
at TA = 25°C, VS = 2.7 to 36 V, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
0.25
±1.8
mV
Over temperature
TA = –40°C to +125°C
0.3
±2
mV
dVOS/dT
Drift
TA = –40°C to +125°C
0.3
±2
µV/°C
vs power supply
VS = 4 to 36 V
TA = –40°C to +125°C
1
±3
µV/V
Channel separation, DC
DC
5
µV/V
INPUT BIAS CURRENT
IB
Input bias current
±8
±15
pA
Over temperature
TA = –40°C to +125°C
±3.5
nA
IOS
Input offset current
±4
pA
Over temperature
TA = –40°C to +125°C
±3.5
nA
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
3
µVPP
en
Input voltage noise density
f = 100 Hz
25
nV/√ Hz
f = 1 kHz
14
nV/√ Hz
INPUT VOLTAGE
VCM
Common-mode voltage range
(V–) – 0.1
V
(V+) – 2 V
V
CMRR
Common-mode rejection ratio
VS = ±2 V
(V–) – 0.1 V < VCM < (V+) – 2 V
TA = –40°C to +125°C
90
104
dB
VS = ±18 V
(V–) – 0.1 V < VCM < (V+) – 2 V
TA = –40°C to +125°C
104
120
dB
INPUT IMPEDANCE
Differential
100 || 3
MΩ || pF
Common-mode
6 || 3
1012Ω || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 4 V to 36 V
(V–) + 0.35 V < VO < (V+) – 0.35 V
TA = –40°C to +125°C
110
130
dB
FREQUENCY RESPONSE
GBP
Gain bandwidth product
3
MHz
SR
Slew rate
G = 1
1.5
V/µs
tS
Settling time
To 0.1%
VS = ±18 V, G = 1
10-V step
6
µs
To 0.01% (12 bit)
VS = ±18 V, G = 1
10-V step
10
µs
Overload recovery time
VIN × gain > VS
2
µs
THD+N
Total harmonic distortion + noise
G = 1, f = 1 kHz
VO = 3 VRMS
0.0002%
OUTPUT
OPA171, OPA2171, OPA4171
SBOS516H – SEPTEMBER 2010 – REVISED JUNE 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA171 OPA2171 OPA4171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com