Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX171 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPAX171
Description  OPAx171 36V, Single-Supply, SOT-553, General-Purpose Operational Amplifiers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX171 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPAX171 Datasheet HTML 9Page - Texas Instruments OPAX171 Datasheet HTML 10Page - Texas Instruments OPAX171 Datasheet HTML 11Page - Texas Instruments OPAX171 Datasheet HTML 12Page - Texas Instruments OPAX171 Datasheet HTML 13Page - Texas Instruments OPAX171 Datasheet HTML 14Page - Texas Instruments OPAX171 Datasheet HTML 15Page - Texas Instruments OPAX171 Datasheet HTML 16Page - Texas Instruments OPAX171 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
Time(1s/div)
Figure 5-13. 0.1-Hz to 10-Hz Noise
1000
100
10
1
1
10
100
1k
10k
1M
Frequency(Hz)
100k
Figure 5-14. Input Voltage Noise Spectral Density
vs Frequency
0.01
0.001
0.0001
0.00001
10
100
1k
10k
20k
Frequency(Hz)
V
=3V
BW=80kHz
OUT
RMS
G=+1,R =10kW
L
G= 1,R =2k
-
W
L
-80
-100
-120
-140
Figure 5-15. THD+N Ratio vs Frequency
0.1
0.01
0.001
0.0001
0.00001
0.01
0.1
1
10
20
OutputAmplitude(V
)
RMS
-80
BW=80kHz
G=+1,R =10kW
L
G= 1,R =2k
-
W
L
-100
-120
-140
Figure 5-16. THD+N vs Output Amplitude
0.65
0.6
0.55
0.5
0.45
0.4
0.35
-75
-50
-25
0
25
150
Temperature( C)
°
125
100
75
50
Figure 5-17. Quiescent Current vs Temperature
0.6
0.55
0.5
0.45
0.4
0.35
0.3
0.25
0
4
8
12
16
36
Supply Voltage (V)
32
28
24
20
Specified Supply-Voltage Range
Figure 5-18. Quiescent Current vs Supply Voltage
www.ti.com
OPA171, OPA2171, OPA4171
SBOS516H – SEPTEMBER 2010 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA171 OPA2171 OPA4171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com