Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX172 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPAX172
Description  OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX172 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPAX172 Datasheet HTML 17Page - Texas Instruments OPAX172 Datasheet HTML 18Page - Texas Instruments OPAX172 Datasheet HTML 19Page - Texas Instruments OPAX172 Datasheet HTML 20Page - Texas Instruments OPAX172 Datasheet HTML 21Page - Texas Instruments OPAX172 Datasheet HTML 22Page - Texas Instruments OPAX172 Datasheet HTML 23Page - Texas Instruments OPAX172 Datasheet HTML 24Page - Texas Instruments OPAX172 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
0
10
20
30
40
50
60
0p
100p
200p
300p
400p
500p
Capacitive Load (F)
RO = 25
RO = 50
C013
G = -1
R
OUT = 0
R
OUT = 25
R
OUT = 50
±
+
RI = 1 k
VIN = 100mV
+ 18 V
± 18 V
CL
OPA172
+
±
RF = 1 k
ROUT
0
10
20
30
40
50
0p
100p
200p
300p
400p
500p
Capacitive Load (F)
RO = 25
RO = 50
C013
R
OUT= 0
R
OUT= 25
R
OUT= 50
G = +1
CL
RL
±
+
VIN = 100mV
+ 18 V
± 18 V
OPA172
+
±
ROUT
Time (200 s/div)
C011
V
OUT
V
IN
37 VPP
Sine Wave
(±18.5V)
±
+
VOUT
+ 18 V
± 18 V
OPA172
+
±
21
OPA172, OPA2172, OPA4172
www.ti.com
SBOS618I – DECEMBER 2013 – REVISED MAY 2018
Product Folder Links: OPA172 OPA2172 OPA4172
Submit Documentation Feedback
Copyright © 2013–2018, Texas Instruments Incorporated
8.3.2 Phase-Reversal Protection
The OPAx172 family has internal phase-reversal protection. Many op amps exhibit a phase reversal when the
input is driven beyond the linear common-mode range. This condition is most often encountered in noninverting
circuits when the input is driven beyond the specified common-mode voltage range, causing the output to
reverse into the opposite rail. The input of the OPAx172 prevents phase reversal with excessive common-mode
voltage. Instead, the appropriate rail limits the output voltage. This performance is shown in Figure 43.
Figure 43. No Phase Reversal
8.3.3 Capacitive Load and Stability
The dynamic characteristics of the OPAx172 are optimized for commonly-used operating conditions. The
combination of low closed-loop gain and high capacitive loads decreases the phase margin of the amplifier and
may lead to gain peaking or oscillations. As a result, heavier capacitive loads must be isolated from the output.
The simplest way to achieve this isolation is to add a small resistor (for example, ROUT = 50 Ω) in series with the
output. Figure 44 and Figure 45 show graphs of small-signal overshoot versus capacitive load for several values
of ROUT. Refer to Application Bulletin SBOA015 (AB-028), Feedback Plots Define Op Amp AC Performance,
available for download from www.ti.com, for details of analysis techniques and application circuits.
Figure 44. Small-Signal Overshoot vs Capacitive Load
(100-mV Output Step)
Figure 45. Small-Signal Overshoot vs Capacitive Load
(100-mV Output Step)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com