Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX172 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPAX172
Description  OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX172 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPAX172 Datasheet HTML 7Page - Texas Instruments OPAX172 Datasheet HTML 8Page - Texas Instruments OPAX172 Datasheet HTML 9Page - Texas Instruments OPAX172 Datasheet HTML 10Page - Texas Instruments OPAX172 Datasheet HTML 11Page - Texas Instruments OPAX172 Datasheet HTML 12Page - Texas Instruments OPAX172 Datasheet HTML 13Page - Texas Instruments OPAX172 Datasheet HTML 14Page - Texas Instruments OPAX172 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
11
OPA172, OPA2172, OPA4172
www.ti.com
SBOS618I – DECEMBER 2013 – REVISED MAY 2018
Product Folder Links: OPA172 OPA2172 OPA4172
Submit Documentation Feedback
Copyright © 2013–2018, Texas Instruments Incorporated
7.8 Typical Characteristics: Table of Graphs
Table 1. List of Typical Characteristics
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 1
Offset Voltage Drift Distribution
Figure 2
Offset Voltage vs Temperature (VS = ±18 V)
Figure 3
Offset Voltage vs Common-Mode Voltage (VS = ±18 V)
Figure 4
Offset Voltage vs Common-Mode Voltage (Upper Stage)
Figure 5
Offset Voltage vs Power Supply
Figure 6
IB vs Common-Mode Voltage
Figure 7
Input Bias Current vs Temperature
Figure 8
Output Voltage Swing vs Output Current (Maximum Supply)
Figure 9
CMRR and PSRR vs Frequency (Referred-to Input)
Figure 10
CMRR vs Temperature
Figure 11
PSRR vs Temperature
Figure 12
0.1-Hz to 10-Hz Noise
Figure 13
Input Voltage Noise Spectral Density vs Frequency
Figure 14
THD+N Ratio vs Frequency
Figure 15
THD+N vs Output Amplitude
Figure 16
Quiescent Current vs Temperature
Figure 17
Quiescent Current vs Supply Voltage
Figure 18
Open-Loop Gain and Phase vs Frequency
Figure 19
Closed-Loop Gain vs Frequency
Figure 20
Open-Loop Gain vs Temperature
Figure 21
Open-Loop Output Impedance vs Frequency
Figure 22
Small-Signal Overshoot vs Capacitive Load (100-mV Output Step)
Figure 23, Figure 24
Positive Overload Recovery
Figure 25, Figure 26
Negative Overload Recovery
Figure 27, Figure 28
Small-Signal Step Response (10 mV)
Figure 29, Figure 30
Small-Signal Step Response (100 mV)
Figure 31, Figure 32
Large-Signal Step Response (1 V)
Figure 33, Figure 34
Large-Signal Settling Time (10-V Positive Step)
Figure 35
Large-Signal Settling Time (10-V Negative Step)
Figure 36
No Phase Reversal
Figure 37
Short-Circuit Current vs Temperature
Figure 38
Maximum Output Voltage vs Frequency
Figure 39
EMIRR vs Frequency
Figure 40
Channel Separation vs Frequency
Figure 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com