Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA320 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA320
Description  OPAx320-Q1 Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA320 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA320 Datasheet HTML 17Page - Texas Instruments OPA320 Datasheet HTML 18Page - Texas Instruments OPA320 Datasheet HTML 19Page - Texas Instruments OPA320 Datasheet HTML 20Page - Texas Instruments OPA320 Datasheet HTML 21Page - Texas Instruments OPA320 Datasheet HTML 22Page - Texas Instruments OPA320 Datasheet HTML 23Page - Texas Instruments OPA320 Datasheet HTML 24Page - Texas Instruments OPA320 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
V
O
V = 1 V
I
RMS
OPA320-Q1
150 kΩ
19.5 kΩ
220 pF
1.8 kΩ
3.3 nF
47 pF
V
(V+)
V
(V–)
C1
1 nF
C2
150 pF
R3
549 Ω
R1
549 Ω
R2
1.24 kΩ
V
(V+)
V
O
V
I
V
(V–)
OPA320-Q1
21
OPA320-Q1, OPA2320-Q1
www.ti.com
SLOS884B – SEPTEMBER 2014 – REVISED DECEMBER 2018
Product Folder Links: OPA320-Q1 OPA2320-Q1
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
8.2.4 Active Filter
The OPAx320-Q1 is an excellent choice for active filter applications that require a wide bandwidth, fast slew rate,
low-noise, single-supply operational amplifier. Figure 43 shows a 500 kHz, second-order, low-pass filter using the
multiple-feedback (MFB) topology. The components have been selected to provide a maximally-flat Butterworth
response. Beyond the cutoff frequency, roll-off is –40 dB/dec. The Butterworth response is excellent for
applications requiring predictable gain characteristics, such as the antialiasing filter used in front of an ADC.
One point to observe when considering the MFB filter is that the output is inverted, relative to the input. If this
inversion is not required, or not desired, a noninverting output can be achieved through one of the following
options:
1. adding an inverting amplifier
2. adding an additional second-order MFB stage
3. using a noninverting filter topology, such as the Sallen-Key
Figure 43. Second-Order Butterworth 500-kHz Low-Pass Filter
Figure 44. OPAx320-Q1 Configured as a Three-Pole, 20-kHz, Sallen-Key Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com