Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA320 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA320
Description  OPAx320-Q1 Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA320 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA320 Datasheet HTML 9Page - Texas Instruments OPA320 Datasheet HTML 10Page - Texas Instruments OPA320 Datasheet HTML 11Page - Texas Instruments OPA320 Datasheet HTML 12Page - Texas Instruments OPA320 Datasheet HTML 13Page - Texas Instruments OPA320 Datasheet HTML 14Page - Texas Instruments OPA320 Datasheet HTML 15Page - Texas Instruments OPA320 Datasheet HTML 16Page - Texas Instruments OPA320 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
OPA320-Q1
V
(V+)
V
O
V
I
R
(IN)
R
× C
= R
C
×
(IN)
(IN)
(F)
(F)
R
(F)
C
(L)
C
(IN)
C
(IN)
C
(F)
R
(S)
OPA320-Q1
V
(V+)
V
I
V
O
I
10 mA, Max
(OVERLOAD)
13
OPA320-Q1, OPA2320-Q1
www.ti.com
SLOS884B – SEPTEMBER 2014 – REVISED DECEMBER 2018
Product Folder Links: OPA320-Q1 OPA2320-Q1
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Input and ESD Protection
The OPAx320-Q1 incorporate internal electrostatic discharge (ESD) protection circuits on all pins. In the case of
input and output pins, this protection primarily consists of current-steering diodes connected between the input
and power-supply pins. These ESD protection diodes also provide in-circuit input overdrive protection, provided
that the current is limited to 10 mA, as stated in the Absolute Maximum Ratings. Many input signals are
inherently current-limited to less than 10 mA; therefore, a limiting resistor is not required. Figure 29 shows how a
series input resistor (R(S)) may be added to the driven input to limit the input current. The added resistor
contributes thermal noise at the amplifier input and the value should be kept to the minimum in noise-sensitive
applications.
Figure 29. Input Current Protection
7.3.2 Feedback Capacitor Improves Response
For optimum settling time and stability with high-impedance feedback networks, adding a feedback capacitor
across the feedback resistor, R(FB), as shown in Figure 30 may be necessary. This capacitor compensates for the
zero created by the feedback network impedance and the OPAx320-Q1 input capacitance (and any parasitic
layout capacitance). The effect becomes more significant with higher impedance networks.
NOTE: Where C(IN) is equal to the OPAx320-Q1 input capacitance (approximately 9 pF) plus any parasitic layout
capacitance.
Figure 30. Feedback Capacitor Improves Dynamic Performance
It is suggested that a variable capacitor be used for the feedback capacitor because input capacitance may vary
between op amps and layout capacitance is difficult to determine. For the circuit shown in Figure 30, the value of
the variable feedback capacitor should be chosen so that the input resistance times the input capacitance of the
OPAx320-Q1 (9 pF, typical) plus the estimated parasitic layout capacitance equals the feedback capacitor times
the feedback resistor:
R(IN) × C(IN) = R(FB) × C(FB)
Where:
•
C(IN) is equal to the OPAx320-Q1 input capacitance (sum of differential and common-mode) plus the layout
capacitance.
(1)
The capacitor value can be adjusted until optimum performance is obtained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com