Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LE512M-RLLA3:P-TR Datasheet(PDF) 101 Page - Integrated Silicon Solution, Inc

Part # IS25LE512M-RLLA3:P-TR
Description  SERIAL FLASH MEMORY 133/112MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE512M-RLLA3:P-TR Datasheet(HTML) 101 Page - Integrated Silicon Solution, Inc

Back Button IS25LE512M-RLLA3:P-TR Datasheet HTML 97Page - Integrated Silicon Solution, Inc IS25LE512M-RLLA3:P-TR Datasheet HTML 98Page - Integrated Silicon Solution, Inc IS25LE512M-RLLA3:P-TR Datasheet HTML 99Page - Integrated Silicon Solution, Inc IS25LE512M-RLLA3:P-TR Datasheet HTML 100Page - Integrated Silicon Solution, Inc IS25LE512M-RLLA3:P-TR Datasheet HTML 101Page - Integrated Silicon Solution, Inc IS25LE512M-RLLA3:P-TR Datasheet HTML 102Page - Integrated Silicon Solution, Inc IS25LE512M-RLLA3:P-TR Datasheet HTML 103Page - Integrated Silicon Solution, Inc IS25LE512M-RLLA3:P-TR Datasheet HTML 104Page - Integrated Silicon Solution, Inc IS25LE512M-RLLA3:P-TR Datasheet HTML 105Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 189 page
background image
IS25LE512M
IS25WE512M
Integrated Silicon Solution, Inc.- www.issi.com
101
Rev. A6
06/16/2025
8.22 ENTER QUAD PERIPHERAL INTERFACE (QPI) MODE OPERATION (QPIEN,35h; QPIDI,F5h)
The Enter QPI (QPIEN) instruction, 35h, enables the Flash device for QPI bus operation. Upon completion of the
instruction, all instructions thereafter will be 4-bit multiplexed input/output until a power cycle or an Exit QPI
instruction is sent to device.
The Exit QPI instruction, F5h, resets the device to 1-bit SPI protocol operation. Prior to issuing the F5h command,
the QE bit must be set to 1. To execute an Exit QPI operation, the host drives CE# low, sends the Exit QPI command
cycle, then drives CE# high. The device just accepts QPI (2 clocks) command cycles.
Figure 8.53 Enter Quad Peripheral Interface (QPI) Mode Sequence
Instruction = 35h
CE#
SCK
SI
0
1
2
3
4
5
6
7
Mode 3
Mode 0
SO
High Impedance
Figure 8.54 Exit Quad Peripheral Interface (QPI) Mode Sequence
F5h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com