Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LE512M-RLLA3:P-TR Datasheet(PDF) 51 Page - Integrated Silicon Solution, Inc

Part # IS25LE512M-RLLA3:P-TR
Description  SERIAL FLASH MEMORY 133/112MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE512M-RLLA3:P-TR Datasheet(HTML) 51 Page - Integrated Silicon Solution, Inc

Back Button IS25LE512M-RLLA3:P-TR Datasheet HTML 47Page - Integrated Silicon Solution, Inc IS25LE512M-RLLA3:P-TR Datasheet HTML 48Page - Integrated Silicon Solution, Inc IS25LE512M-RLLA3:P-TR Datasheet HTML 49Page - Integrated Silicon Solution, Inc IS25LE512M-RLLA3:P-TR Datasheet HTML 50Page - Integrated Silicon Solution, Inc IS25LE512M-RLLA3:P-TR Datasheet HTML 51Page - Integrated Silicon Solution, Inc IS25LE512M-RLLA3:P-TR Datasheet HTML 52Page - Integrated Silicon Solution, Inc IS25LE512M-RLLA3:P-TR Datasheet HTML 53Page - Integrated Silicon Solution, Inc IS25LE512M-RLLA3:P-TR Datasheet HTML 54Page - Integrated Silicon Solution, Inc IS25LE512M-RLLA3:P-TR Datasheet HTML 55Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 189 page
background image
IS25LE512M
IS25WE512M
Integrated Silicon Solution, Inc.- www.issi.com
51
Rev. A6
06/16/2025
Table 8.2 New Instruction Set with 4-byte address
Instruction Name
Operation
Code
Address Mode
4NORD
4-byte Address Normal Read Mode
13h
4-byte Address
4FRD
4-byte Address Fast Read Mode
0Ch
4-byte Address
4FRDIO
4-byte Address Fast Read Dual I/O
BCh
4-byte Address
4FRDO
4-byte Address Fast Read Dual Output
3Ch
4-byte Address
4FRQIO
4-byte Address Fast Read Quad I/O
ECh
4-byte Address
4FRQO
4-byte Address Fast Read Quad Output
6Ch
4-byte Address
4FRDTR
4-byte Address Fast Read DTR Mode
0Eh
4-byte Address
4FRDDTR
4-byte Address Fast Read Dual I/O DTR
BEh
4-byte Address
4FRQDTR
4-byte Address Fast Read Quad I/O DTR
EEh
4-byte Address
4PP
4-byte Address Serial Input Page Program
12h
4-byte Address
4PPQ
4-byte Address Quad Input Page Program
34h/3Eh
4-byte Address
4SER
4-byte Address Sector Erase
21h
4-byte Address
4BER32 (32KB)
4-byte Address Block Erase 32KB
5Ch
4-byte Address
4BER64/256
(64/256KB)
4-byte Address Block Erase 64KB
DCh
4-byte Address
4SECUNLOCK
4-byte Address Sector Unlock
25h
4-byte Address
4RDDYB
4-byte Address Read DYB
E0
4-byte Address
4WRDYB
4-byte Address Write DYB
E1
4-byte Address
4RDPPB
4-byte Address Read PPB
E2
4-byte Address
4PGPPB
4-byte Address Program PPB
E3
4-byte Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com