Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LE512M-RLLA3:P-TR Datasheet(PDF) 52 Page - Integrated Silicon Solution, Inc

Part # IS25LE512M-RLLA3:P-TR
Description  SERIAL FLASH MEMORY 133/112MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE512M-RLLA3:P-TR Datasheet(HTML) 52 Page - Integrated Silicon Solution, Inc

Back Button IS25LE512M-RLLA3:P-TR Datasheet HTML 48Page - Integrated Silicon Solution, Inc IS25LE512M-RLLA3:P-TR Datasheet HTML 49Page - Integrated Silicon Solution, Inc IS25LE512M-RLLA3:P-TR Datasheet HTML 50Page - Integrated Silicon Solution, Inc IS25LE512M-RLLA3:P-TR Datasheet HTML 51Page - Integrated Silicon Solution, Inc IS25LE512M-RLLA3:P-TR Datasheet HTML 52Page - Integrated Silicon Solution, Inc IS25LE512M-RLLA3:P-TR Datasheet HTML 53Page - Integrated Silicon Solution, Inc IS25LE512M-RLLA3:P-TR Datasheet HTML 54Page - Integrated Silicon Solution, Inc IS25LE512M-RLLA3:P-TR Datasheet HTML 55Page - Integrated Silicon Solution, Inc IS25LE512M-RLLA3:P-TR Datasheet HTML 56Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 189 page
background image
IS25LE512M
IS25WE512M
Integrated Silicon Solution, Inc.- www.issi.com
52
Rev. A6
06/16/2025
Table 8.3 Instruction Set with 3-byte or 4-byte address according to EXTADD Bit setting
Instruction Name
Operation
Code
Address Mode
EXTADD (BAR[7] = 1
EXTADD (BAR[7]) = 0
NORD
Normal Read Mode
03h
4-byte Address
3-byte Address
FRD
Fast Read Mode
0Bh
4-byte Address
3-byte Address
FRDIO
Fast Read Dual I/O
BBh
4-byte Address
3-byte Address
FRDO
Fast Read Dual Output
3Bh
4-byte Address
3-byte Address
FRQIO
Fast Read Quad I/O
EBh
4-byte Address
3-byte Address
FRQO
Fast Read Quad Output
6Bh
4-byte Address
3-byte Address
FRDTR
Fast Read DTR Mode
0Dh
4-byte Address
3-byte Address
FRDDTR
Fast Read Dual I/O DTR
BDh
4-byte Address
3-byte Address
FRQDTR
Fast Read Quad I/O DTR
EDh
4-byte Address
3-byte Address
PP
Serial Input Page Program
02h
4-byte Address
3-byte Address
PPQ
Quad Input Page Program
32h/38h
4-byte Address
3-byte Address
SER
Sector Erase
D7h/20h
4-byte Address
3-byte Address
BER32 (32KB)
Block Erase 32KB
52h
4-byte Address
3-byte Address
BER64 (64KB/256KB)
Block Erase 64KB/256KB
D8h
4-byte Address
3-byte Address
SECUNLOCK
Sector Unlock
26h
4-byte Address
3-byte Address
RDDYB
Read DYB
FA
4-byte Address
3-byte Address
WRDYB
Write DYB
FB
4-byte Address
3-byte Address
RDPPB
Read PPB
FC
4-byte Address
3-byte Address
PGPPB
Program PPB
FD
4-byte Address
3-byte Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com