Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LE512M-RMLA3:P-TR Datasheet(PDF) 21 Page - Integrated Silicon Solution, Inc

Part # IS25LE512M-RMLA3:P-TR
Description  SERIAL FLASH MEMORY 133/112MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE512M-RMLA3:P-TR Datasheet(HTML) 21 Page - Integrated Silicon Solution, Inc

Back Button IS25LE512M-RMLA3:P-TR Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS25LE512M-RMLA3:P-TR Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS25LE512M-RMLA3:P-TR Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS25LE512M-RMLA3:P-TR Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS25LE512M-RMLA3:P-TR Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS25LE512M-RMLA3:P-TR Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS25LE512M-RMLA3:P-TR Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS25LE512M-RMLA3:P-TR Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS25LE512M-RMLA3:P-TR Datasheet HTML 25Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 189 page
background image
IS25LE512M
IS25WE512M
Integrated Silicon Solution, Inc.- www.issi.com
21
Rev. A6
06/16/2025
Table 5.5. Parameter Table (1): 4-byte Address Instruction Tables
Description
Address
(Byte)
Address
(Bit)
Data
Support for (1-1-1) READ Command, Instruction = 13h
80h
0
1b
Support for (1-1-1) FAST_READ Command, Instruction = 0Ch
1
1b
Support for (1-1-2) FAST_READ Command, Instruction = 3Ch
2
1b
Support for (1-2-2) FAST_READ Command, Instruction = BCh
3
1b
Support for (1-1-4) FAST_READ Command, Instruction = 6Ch
4
1b
Support for (1-4-4) FAST_READ Command, Instruction = ECh
5
1b
Support for (1-1-1) Page Program Command, Instruction = 12h
6
1b
Support for (1-1-4) Page Program Command, Instruction = 34h
7
1b
Support for (1-4-4) Page Program Command, Instruction = 3Eh
81h
8
0b
Support for Erase Command-Type 1
9
1b
Support for Erase Command-Type 2
10
1b
Support for Erase Command-Type 3
11
1b (0b(1))
Support for Erase Command-Type 4
12
0b (1b(1))
Support for (1-1-1) DTR_READ Command, Instruction = 0Eh
13
1b
Support for (1-2-2) DTR_READ Command, Instruction = BEh
14
1b
Support for (1-4-4) DTR_READ Command, Instruction = EEh
15
1b
Support for volatile individual sector lock Read Command (E0h)
82h
16
1b
Support for volatile individual sector lock Write Command (E1h)
17
1b
Support for non-volatile individual sector lock Read Command
(E2h)
18
1b
Support for non-volatile individual sector lock Write Command
(E3h)
19
1b
Reserved
23:20
1111b
Reserved
83h
31:24
FFh
Sector Erase Instruction for Sector Type I
84h
7:0
21h
Sector Erase Instruction for Sector Type 2
85h
15:8
5Ch
Sector Erase Instruction for Sector Type 3
86h
23:16
DCh (FFh(1))
Sector Erase Instruction for Sector Type 4
87h
31:24
FFh (DCh(1))
Note:
1.
Only for option K (256KB Block Size instead of 64KB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com