Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LE512M-RMLA3:P-TR Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS25LE512M-RMLA3:P-TR
Description  SERIAL FLASH MEMORY 133/112MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE512M-RMLA3:P-TR Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS25LE512M-RMLA3:P-TR Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25LE512M-RMLA3:P-TR Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LE512M-RMLA3:P-TR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LE512M-RMLA3:P-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LE512M-RMLA3:P-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LE512M-RMLA3:P-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LE512M-RMLA3:P-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LE512M-RMLA3:P-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LE512M-RMLA3:P-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 189 page
background image
IS25LE512M
IS25WE512M
Integrated Silicon Solution, Inc.- www.issi.com
5
Rev. A6
06/16/2025
8.8 FAST READ QUAD OUTPUT OPERATION (FRQO, 6Bh or 4FRQO 6Ch) .........................................74
8.9 FAST READ QUAD I/O OPERATION (FRQIO, EBh or 4FRQIO, ECh)................................................77
8.10 PAGE PROGRAM OPERATION (PP, 02h or 4PP, 12h).....................................................................84
8.11 QUAD INPUT PAGE PROGRAM OPERATION (PPQ, 32h/38h or 4PPQ, 34h/3Eh) .........................87
8.12 ERASE OPERATION ..........................................................................................................................88
8.13 SECTOR ERASE OPERATION (SER, D7h/20h or 4SER, 21h) .........................................................89
8.14 BLOCK ERASE OPERATION (BER32K:52h or 4BER32K:5Ch, BER64K/256K:D8h or
4BER64K/256K:DCh) ..................................................................................................................................91
8.15 CHIP ERASE OPERATION (CER, C7h/60h) ......................................................................................94
8.16 WRITE ENABLE OPERATION (WREN, 06h) .....................................................................................95
8.17 WRITE DISABLE OPERATION (WRDI, 04h)......................................................................................96
8.18 READ STATUS REGISTER OPERATION (RDSR, 05h) ....................................................................97
8.19 WRITE STATUS REGISTER OPERATION (WRSR, 01h)..................................................................98
8.20 READ FUNCTION REGISTER OPERATION (RDFR, 48h) ................................................................99
8.21 WRITE FUNCTION REGISTER OPERATION (WRFR, 42h)............................................................100
8.22 ENTER QUAD PERIPHERAL INTERFACE (QPI) MODE OPERATION (QPIEN,35h; QPIDI,F5h) .101
8.23 PROGRAM/ERASE SUSPEND & RESUME.....................................................................................102
8.24 ENTER DEEP POWER DOWN (DP, B9h) ........................................................................................105
8.25 RELEASE DEEP POWER DOWN (RDPD, ABh) ..............................................................................106
8.26 SET READ PARAMETERS OPERATION (SRPNV: 65h, SRPV: C0h/63h) .....................................107
8.27 SET EXTENDED READ PARAMETERS OPERATION (SERPNV: 85h, SERPV: 83h) ...................109
8.28 READ READ PARAMETERS OPERATION (RDRP, 61h) ................................................................110
8.29 READ EXTENDED READ PARAMETERS OPERATION (RDERP, 81h).........................................111
8.30 CLEAR EXTENDED READ REGISTER OPERATION (CLERP, 82h)..............................................112
8.31 READ PRODUCT IDENTIFICATION (RDID, ABh) ...........................................................................113
8.32 READ PRODUCT IDENTIFICATION BY JEDEC ID OPERATION (RDJDID, 9Fh; RDJDIDQ, AFh)
...................................................................................................................................................................115
8.33 READ DEVICE MANUFACTURER AND DEVICE ID OPERATION (RDMDID, 90h) .......................116
8.34 READ UNIQUE ID NUMBER (RDUID, 4Bh) .....................................................................................117
8.35 READ SFDP OPERATION (RDSFDP, 5Ah) .....................................................................................118
8.36 NO OPERATION (NOP, 00h) ............................................................................................................118
8.37 SOFTWARE RESET (RESET-ENABLE (RSTEN, 66h) AND RESET (RST, 99h)) AND HARDWARE
RESET .......................................................................................................................................................119
8.38 SECURITY INFORMATION ROW.....................................................................................................120
8.39 INFORMATION ROW ERASE OPERATION (IRER, 64h) ................................................................121
8.40 INFORMATION ROW PROGRAM OPERATION (IRP, 62h) ............................................................122
8.41 INFORMATION ROW READ OPERATION (IRRD, 68h) ..................................................................123
8.42 FAST READ DTR MODE OPERATION (FRDTR, 0Dh or 4FRDTR, 0Eh)........................................124
8.43 FAST READ DUAL IO DTR MODE OPERATION (FRDDTR, BDh or 4FRDDTR, BEh) ..................129
8.44 FAST READ QUAD I/O DTR MODE OPERATION IN SPI MODE (FRQDTR, EDh or 4FRQDTR,
EEh) ...........................................................................................................................................................133



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com