Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39200 Datasheet(PDF) 13 Page - STMicroelectronics

Part # LD39200
Description  2 A high PSRR ultra low drop linear regulator with reverse current protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39200 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LD39200_V01 Datasheet HTML 9Page - STMicroelectronics LD39200_V01 Datasheet HTML 10Page - STMicroelectronics LD39200_V01 Datasheet HTML 11Page - STMicroelectronics LD39200_V01 Datasheet HTML 12Page - STMicroelectronics LD39200_V01 Datasheet HTML 13Page - STMicroelectronics LD39200_V01 Datasheet HTML 14Page - STMicroelectronics LD39200_V01 Datasheet HTML 15Page - STMicroelectronics LD39200_V01 Datasheet HTML 16Page - STMicroelectronics LD39200_V01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Figure 20. Stability plan
AM13925V1
0.01
0.1
1
10
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
COUT [µF] (nominal value)
STABILITY AREA
Figure 21. Enable startup, Vin = 1.25 V, Iout = 2 A
Figure 22. Enable startup, Vin = 6 V, Iout = 2 A
Figure 23. Enable startup, no Cbyp
GIPG080420141550MT
VEN
VOUT
VIN = 3.7 V, VEN = from 0 to 2 V, IOUT = 100 mA, VOUT = 3.3 V, CIN = COUT = 10 µF, CBYP = 0
Figure 24. Enable startup, Cbyp = 470 nF
GIPG080420141552MT
VEN
VOUT
VIN = 3.7 V, VOUT = 3.3 V, VEN = from 0 to 2V, IOUT = 100 mA, CIN = COUT = 10 µF, CBYP = 470
Figure 25. Line transient
GIPG140420141401MT
VIN
VOUT
VIN = VEN = from 1.5 to 5.5 V, IOUT = 10 mA, NO CIN = COUT = 10 µF, TRISE = TFALL = 10 µs
LD39200
Typical performance characteristics
DS10079 - Rev 3
page 13/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com